Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly Valve, rubber seated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2671
centric type
p. 6/14
Item
Part name
Materials
Specifications
Comments
JIS
ASTM
1
Body
Ductile iron
FCD 400
A395
Wafer (26" to 36"), flange (26" to 48")
Stainless steel
SCS 13A
A351 Gr. CF8
Wafer (26" to 36"), flange (26" to 48")
SCS 14A
A351 Gr. CF8M
Wafer (26" to 36"), flange (26" to 48")
2
Disc
Ductile iron
FCD 400
A395
Nylon 11 coated
Stainless steel
SCS 13A
A351 Gr. CF8
SCS 14A
A351 Gr. CF8M
Alu-bronze
ALBC2
B148 C95400
3
Seat
NBR (Nitrile)
14°F to 176°F (-10°C to 80°C)
EPDM
-4°F to 248°F (-20°C to 120°C)
EPT
-4°F to 284°F (-20°C to 140°C)
Neoprene (CR)
32°F to 176°F (0°C to 80°C)
Silicon
-4°F to 356°F (-20°C to 180°C)
CSM
-4°F to 275°F (-20°C to 135°C)
FKM
-0.4°F to 400°F (-18°C to 204°C)
4
Stem
Stainless steel
SUS 410
A182 Gr. F6A
SUS 304
A182 Gr. F304
SUS 316
A182 Gr. F316
5
Pin
Stainless steel
SUS 316
A182 Gr. F304
6
Plug
Stainless steel
7
O-ring
NBR (Nitrile)
8
Upper cover
Steel
SS400
A36
For cast iron and ductile iron body
Stainless steel
SUS 304
A240 Gr. 304
For stainless steel body
9
Bush
Bronze
BC6
B62
For cast iron and ductile iron body
RPTFE+Stainless steel
RPTFE+SUS316
RPTFE+A240 Gr. 316
For stainless steel body
10
Key
Steel
11
Bottom cover
Cast iron
FC 200
A126 CI. B
For cast iron and ductile iron body
Stainless steel
SCS 13A
A351 Gr. CF8
For stainless steel body
12
Bolt
Steel
13
Bolt
Steel
14
Bushing
PTFE+316 SS
1
4
6
5
7
8
9
7
13
Detail “A”
Detail “B”
“A”
“B”
2
4
3
11
12
10
14
Materials – sizes 26" to 48"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com