Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly Valve, rubber seated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2671
centric type
p. 10/14
Size
PN10
PN16
ASME B16.5 class 150
ASME B16.47 class 150
series A
JIS 10K
mm
inch Bolt
size
A
B
C
T
Bolt
size
A
B
C
T
Bolt
size
A
B
C
T
Bolt
size
A
B
C
T
40
1½" M16
115 35 –
18 M16
115
35
–
18
½"
105
35
–
18
M16
110
35 –
16
50
2"
M16
130 40 –
20 M16
130
40
–
20
5
⁄8"
125
40
–
19
M16
120
40 –
16
65
2½" M16
130 45 –
20 M16
130
45
–
20
5
⁄8"
135
45
–
22
M16
125
45 –
18
80
3"
M16
130 45 –
20 M16
130
45
–
20
5
⁄8"
140
45
–
24
M16
125
45 –
18
100
4"
M16
140 50 –
22 M16
140
50
–
22
5
⁄8"
145
50
–
24
M16
135
45 –
18
125
5"
M16
145 50 –
22 M16
145
50
–
22
3
⁄4"
155
55
–
24
M20
145
55 –
20
150
6"
M20
160 55 –
24 M20
160
55
–
24
3
⁄4"
160
55
–
25
M20
155
55 –
22
200
8"
M20
165 55 –
24 M20
160
55
–
24
3
⁄4"
170
60
–
28
M20
160
55 –
22
250
10"
M20
175 60 –
26 M24
180
60
–
26
7
⁄8"
185
65
–
30
M22
175
60 –
24
300
12"
M20
185 60 –
26 M24
195
70
–
28
7
⁄8"
200
70
–
32
M22
185
60 –
24
350
14"
M20
185 60 –
26 M24
200
70
–
30
1"
215
75
–
35
M22
185
65 –
26
400
16"
M24
220 65 –
26 M27
235
80
–
32
1"
245
80
–
37
M24
225
70 –
28
450
18"
M24
235 70 –
28 M27
265
85
–
40
11⁄8"
265
85
–
40
M24
240
70 –
30
500
20"
M24
250 70 –
28 M30
290
100
–
44
11⁄8"
285
90
–
43
M24
250
70 –
30
600
24"
M27
295 80 100 34 M33
345
110
130
54
1¼"
330
100
120
48
M30
295
80 100
32
700
28"
M27
295 –
100 30 M33
325
–
120
38
1¼"
390
–
150
71
M30
310
–
110
34
750
30"
–
–
–
–
–
–
–
–
–
–
1¼"
420
–
150
75
M30
335
–
110
36
800
32"
M30
330 –
110 32 M36
355
–
120
38
1½"
445
–
170
81
M30
335
–
110
36
900
36"
M30
345 –
110 34 M36
370
–
130
40
1½"
475
–
180
90
M30
355
–
120
38
950
38"
–
–
–
–
–
–
–
–
–
–
1½"
485
–
185
87
–
–
–
–
–
1000 40"
M33
365 –
125 34 M39
395
–
140
42
1½"
490
–
190
90
M36
385
–
135
40
1050 42"
–
–
–
–
–
–
–
–
–
–
1½"
–
–
200
97
–
–
–
–
–
1100 44"
–
–
–
–
–
–
–
–
–
–
1½"
–
–
205
102 M36
–
–
145
42
1200 48"
M36
–
–
135 38 M45
–
–
155
48
1½"
–
–
210
108 M36
–
–
155
44
T
T
T
T
T
T
T
T
B
B
A
C
C
A
Wafer type
1½" to 36"
Full lug type
1½" to 24"
Flange type
14" to 20"
Flange type
24" to 48"
Bolting installation [mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com