Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TSL2561 Datasheet HTML 5Page - OSRAM GmbH TSL2561 Datasheet HTML 6Page - OSRAM GmbH TSL2561 Datasheet HTML 7Page - OSRAM GmbH TSL2561 Datasheet HTML 8Page - OSRAM GmbH TSL2561 Datasheet HTML 9Page - OSRAM GmbH TSL2561 Datasheet HTML 10Page - OSRAM GmbH TSL2561 Datasheet HTML 11Page - OSRAM GmbH TSL2561 Datasheet HTML 12Page - OSRAM GmbH TSL2561 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-01] 2018-Apr-23
TSL2561 − Electrical Characteristics
Figure 8:
Operating Characteristics, High Gain (16×), VDD = 3V, TA = 25°C (unless otherwise noted)
(1), (2), (3), (4)
Symbol
Parameter
Test
Conditions
Channel
TSL2561T
Unit
Min
Typ
Max
fOSC
Oscillator
frequency
690
735
780
kHz
Dark
ADC count
value
Ee = 0,
Tint = 402ms
Ch0
0
4
counts
Ch1
0
4
Full scale ADC
count value (5)
Tint > 178ms
Ch0
65535
counts
Ch1
65535
Tint = 101ms
Ch0
37177
Ch1
37177
Tint = 13.7ms
Ch0
5047
Ch1
5047
ADC count
value
λp = 640nm,
Tint = 101ms
Ee = 36.3μW/cm
2
Ch0
750
1000
1250
counts
Ch1
200
λp = 940nm,
Tint = 101ms
Ee = 119μW/cm
2
Ch0
700
1000
1300
Ch1
820
λp = 640nm,
Tint = 101ms
Ee = 41μW/cm
2
Ch0
counts
Ch1
λp = 940nm,
Tint = 101ms
Ee = 135μW/cm
2
Ch0
Ch1
ADC count
value ratio:
Ch1/Ch0
λp = 640nm,
Tint = 101ms
0.15
0.20
0.25
λp = 940nm,
Tint = 101ms
0.69
0.82
0.95
Re
Irradiance
responsivity
λp = 640nm,
Tint = 101ms
Ch0
27.5
counts/
(μW/cm2)
Ch1
5.5
λp = 940nm,
Tint = 101ms
Ch0
8.4
Ch1
6.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com