Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TSL2561 Datasheet HTML 16Page - OSRAM GmbH TSL2561 Datasheet HTML 17Page - OSRAM GmbH TSL2561 Datasheet HTML 18Page - OSRAM GmbH TSL2561 Datasheet HTML 19Page - OSRAM GmbH TSL2561 Datasheet HTML 20Page - OSRAM GmbH TSL2561 Datasheet HTML 21Page - OSRAM GmbH TSL2561 Datasheet HTML 22Page - OSRAM GmbH TSL2561 Datasheet HTML 23Page - OSRAM GmbH TSL2561 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
ams Datasheet
Page 19
[v1-01] 2018-Apr-23
Document Feedback
TSL2561 − Principles of Operation
Figure 21:
Interrupt Control Select
Note(s):
1. Field value of 11 may be used to test interrupt connectivity in a system or to assist in debugging interrupt service routine software.
Figure 22:
Interrupt Persistence Select
PERSIST
3:0
Interrupt persistence. Controls rate of interrupts to the host processor as shown in
Figure 22, below.
INTR Field Value
Read Value
00
Interrupt output disabled
01
Level Interrupt
10
Reserved
11
Test Mode: Sets interrupt and functions as mode 10
Persist Field Value
Interrupt Persist Function
0000
Every ADC cycle generates interrupt
0001
Any value outside of threshold range
0010
2 integration time periods out of range
0011
3 integration time periods out of range
0100
4 integration time periods out of range
0101
5 integration time periods out of range
0110
6 integration time periods out of range
0111
7 integration time periods out of range
1000
8 integration time periods out of range
1001
9 integration time periods out of range
1010
10 integration time periods out of range
1011
11 integration time periods out of range
1100
12 integration time periods out of range
1101
13 integration time periods out of range
1110
14 integration time periods out of range
1111
15 integration time periods out of range
Field
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com