Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TSL2561 Datasheet HTML 20Page - OSRAM GmbH TSL2561 Datasheet HTML 21Page - OSRAM GmbH TSL2561 Datasheet HTML 22Page - OSRAM GmbH TSL2561 Datasheet HTML 23Page - OSRAM GmbH TSL2561 Datasheet HTML 24Page - OSRAM GmbH TSL2561 Datasheet HTML 25Page - OSRAM GmbH TSL2561 Datasheet HTML 26Page - OSRAM GmbH TSL2561 Datasheet HTML 27Page - OSRAM GmbH TSL2561 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
ams Datasheet
Page 23
[v1-01] 2018-Apr-23
Document Feedback
TSL2561 − Device Operation
prevent transient changes in light intensity from generating an
unwanted interrupt. With a value of 1, an interrupt occurs
immediately whenever either threshold is exceeded. With
values of N, where N can range from 2 to 15, N consecutive
conversions must result in values outside the interrupt window
for an interrupt to be generated. For example, if N is equal to
10 and the integration time is 402ms, then an interrupt will not
be generated unless the light level persists for more than 4
seconds outside the threshold.
An interrupt is cleared by setting the CLEAR bit (bit 6) in the
Command Register.
To configure the interrupt as an end-of-conversion signal, the
interrupt PERSIST field is set to 0. An interrupt will be generated
upon completion of each conversion. The interrupt threshold
registers are ignored.
In order to generate an interrupt on demand during system test
or debug, a test mode (INTR = 11) can be used.
Calculating Lux
The TSL2561 is intended for use in ambient light detection
applications such as display backlight control, where
adjustments are made to display brightness or contrast based
on the brightness of the ambient light, as perceived by the
human eye. Conventional silicon detectors respond strongly to
infrared light, which the human eye does not see. This can lead
to significant error when the infrared content of the ambient
light is high, such as with incandescent lighting, due to the
difference between the silicon detector response and the
brightness perceived by the human eye.
This problem is overcome in the TSL2561 through the use of
two photodiodes. One of the photodiodes (channel 0) is
sensitive to both visible and infrared light, while the second
photodiode (channel 1) is sensitive primarily to infrared light.
An integrating ADC converts the photodiode currents to digital
outputs. Channel 1 digital output is used to compensate for the
effect of the infrared component of light on the channel 0
digital output. The ADC digital outputs from the two channels
are used in a formula to obtain a value that approximates the
human eye response in the commonly used Illuminance unit of
Lux:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com