Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TSL2561 Datasheet HTML 12Page - OSRAM GmbH TSL2561 Datasheet HTML 13Page - OSRAM GmbH TSL2561 Datasheet HTML 14Page - OSRAM GmbH TSL2561 Datasheet HTML 15Page - OSRAM GmbH TSL2561 Datasheet HTML 16Page - OSRAM GmbH TSL2561 Datasheet HTML 17Page - OSRAM GmbH TSL2561 Datasheet HTML 18Page - OSRAM GmbH TSL2561 Datasheet HTML 19Page - OSRAM GmbH TSL2561 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
ams Datasheet
Page 15
[v1-01] 2018-Apr-23
Document Feedback
TSL2561 − Principles of Operation
Command Register
The Command Register specifies the address of the target
register for subsequent read and write operations. The Send
Byte protocol is used to configure the Command Register. The
Command Register contains eight bits as described in
Figure 15. The Command Register defaults to 00h at power on.
Figure 15:
Command Register
Note(s):
1. An I²C block transaction will continue until the Master sends a stop condition.
7
6
5432
10
CMD
CLEAR
WORD
BLOCK
ADDRESS
Field
Bit
Description
CMD
7
Select Command Register. Must write as 1.
CLEAR
6
Interrupt clear. Clears any pending interrupt. This bit is a write-one-to-clear bit. It is
self clearing.
WORD
5
I2C Write/Read Word Protocol. 1 indicates that this I2C transaction is using either
the I2C Write Word or Read Word protocol.
BLOCK
4
Block Write/Read Protocol. 1 indicates that this transaction is using either the Block
Write or the Block Read protocol.(1)
ADDRESS
3:0
Register Address. This field selects the specific control or status register for
following write and read commands according to Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com