Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TSL2561 Datasheet HTML 19Page - OSRAM GmbH TSL2561 Datasheet HTML 20Page - OSRAM GmbH TSL2561 Datasheet HTML 21Page - OSRAM GmbH TSL2561 Datasheet HTML 22Page - OSRAM GmbH TSL2561 Datasheet HTML 23Page - OSRAM GmbH TSL2561 Datasheet HTML 24Page - OSRAM GmbH TSL2561 Datasheet HTML 25Page - OSRAM GmbH TSL2561 Datasheet HTML 26Page - OSRAM GmbH TSL2561 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-01] 2018-Apr-23
TSL2561 − Device Operation
Basic Operation
After applying VDD, the device will initially be in the
power-down state. To operate the device, issue a command to
access the Control Register followed by the data value 03h to
power up the device. At this point, both ADC channels will begin
a conversion at the default integration time of 400ms. After
400ms, the conversion results will be available in the DATA0 and
DATA1 registers.
Configuring the Timing Register
The command, timing, and control registers are initialized to
default values on power up. Setting these registers to the
desired values would be part of a normal initialization or setup
procedure. In addition, to maximize the performance of the
device under various conditions, the integration time and gain
may be changed often during operation.
Interrupts
The interrupt feature of the TSL2561 device simplifies and
improves system efficiency by eliminating the need to poll the
sensor for a light intensity value. Interrupt styles are
determined by the INTR field in the Interrupt Register. The
interrupt feature may be disabled by writing a field value of 00h
to the Interrupt Control Register so that polling can be
performed.
The versatility of the interrupt feature provides many options
for interrupt configuration and usage. The primary purpose of
the interrupt function is to provide a meaningful change in light
intensity. However, it also be used as an end-of-conversion
signal. The concept of a meaningful change can be defined by
the user both in terms of light intensity and time, or persistence,
of that change in intensity. The TSL2561 device implements two
16-bit-wide interrupt threshold registers that allow the user to
define a threshold above and below the current light level. An
interrupt will then be generated when the value of a conversion
exceeds either of these limits. For simplicity of programming,
the threshold comparison is accomplished only with Channel
0. This simplifies calculation of thresholds that are based, for
example, on a percent of the current light level. It is adequate
to use only one channel when calculating light intensity
differences since, for a given light source, the channel 0 and
channel 1 values are linearly proportional to each other and
thus both values scale linearly with light intensity.
To further control when an interrupt occurs, the TSL2561 device
provides an interrupt persistence feature. This feature allows
the user to specify a number of conversion cycles for which a
light intensity exceeding either interrupt threshold must persist
before actually generating an interrupt. This can be used to
Device Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com