Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button TSL2561 Datasheet HTML 10Page - OSRAM GmbH TSL2561 Datasheet HTML 11Page - OSRAM GmbH TSL2561 Datasheet HTML 12Page - OSRAM GmbH TSL2561 Datasheet HTML 13Page - OSRAM GmbH TSL2561 Datasheet HTML 14Page - OSRAM GmbH TSL2561 Datasheet HTML 15Page - OSRAM GmbH TSL2561 Datasheet HTML 16Page - OSRAM GmbH TSL2561 Datasheet HTML 17Page - OSRAM GmbH TSL2561 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
ams Datasheet
Page 13
[v1-01] 2018-Apr-23
Document Feedback
TSL2561 − Principles of Operation
Analog-to-Digital Converter
The TSL2561 contains two integrating analog-to-digital
converters (ADC) that integrate the currents from the channel 0
and channel 1 photodiodes. Integration of both channels
occurs simultaneously, and upon completion of the conversion
cycle the conversion result is transferred to the channel 0 and
channel 1 data registers, respectively. The transfers are double
buffered to ensure that invalid data is not read during the
transfer. After the transfer, the device automatically begins the
next integration cycle.
Digital Interface
Interface and control of the TSL2561 is accomplished through
a two-wire serial interface to a set of registers that provide
access to device control functions and output data. The serial
interface is compatible with I²C bus Fast-Mode. The TSL2561
offers three slave addresses that are selectable via an external
pin (ADDR SEL). The slave address options are shown in
Figure 13.
Figure 13:
Slave Address Selection
Note(s):
1. The Slave Addresses are 7 bits. A read/write bit should be appended to the
slave address by the master device to properly communicate with the
TSL2561 device.
ADDR SEL
Terminal Level
Slave Address
GND
0101001
Float
0111001
VDD
1001001
Principles of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com