Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TSL2561 Datasheet HTML 26Page - OSRAM GmbH TSL2561 Datasheet HTML 27Page - OSRAM GmbH TSL2561 Datasheet HTML 28Page - OSRAM GmbH TSL2561 Datasheet HTML 29Page - OSRAM GmbH TSL2561 Datasheet HTML 30Page - OSRAM GmbH TSL2561 Datasheet HTML 31Page - OSRAM GmbH TSL2561 Datasheet HTML 32Page - OSRAM GmbH TSL2561 Datasheet HTML 33Page - OSRAM GmbH TSL2561 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
ams Datasheet
Page 29
[v1-01] 2018-Apr-23
Document Feedback
TSL2561 − Manufacturing Information
The T packages have been tested and have demonstrated an
ability to be reflow soldered to a PCB substrate. The process,
equipment, and materials used in these test are detailed below.
The solder reflow profile describes the expected maximum heat
exposure of components during the solder reflow process of
product on a PCB. Temperature is measured on top of
component. The components should be limited to a maximum
of three passes through this solder reflow profile.
Figure 29:
TSL2561 Solder Reflow Profile
Figure 30:
TSL2561 Solder Reflow Profile Graph
Parameter
Reference
TSL2561
Average temperature gradient in preheating
2.5°C/s
Soak time
tsoak
2 to 3 minutes
Time above 217°C
t1
Max 60 s
Time above 230°C
t2
Max 50 s
Time above Tpeak -10°C
t3
Max 10 s
Peak temperature in reflow
Tpeak
260° C (-0°C/+5°C)
Temperature gradient in cooling
Max -5°C/s
Manufacturing Information
t3
t2
t1
tsoak
T3
T2
T1
Tpeak
Not to scale — for reference only
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com