Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button TSL2561 Datasheet HTML 14Page - OSRAM GmbH TSL2561 Datasheet HTML 15Page - OSRAM GmbH TSL2561 Datasheet HTML 16Page - OSRAM GmbH TSL2561 Datasheet HTML 17Page - OSRAM GmbH TSL2561 Datasheet HTML 18Page - OSRAM GmbH TSL2561 Datasheet HTML 19Page - OSRAM GmbH TSL2561 Datasheet HTML 20Page - OSRAM GmbH TSL2561 Datasheet HTML 21Page - OSRAM GmbH TSL2561 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
ams Datasheet
Page 17
[v1-01] 2018-Apr-23
Document Feedback
TSL2561 − Principles of Operation
Integration time is dependent on the INTEG FIELD VALUE and
the internal clock frequency. Nominal integration times and
respective scaling between integration times scale
proportionally as shown in Figure 18. See Note4 and Note5 for
detailed information regarding how the scale values were
obtained; see Calculating Lux for further information on how
to calculate lux.
Figure 18:
Integration Time
The manual timing control feature is used to manually start and
stop the integration time period. If a particular integration time
period is required that is not listed in Figure 18, then this feature
can be used. For example, the manual timing control can be
used to synchronize the TSL256x device with an external light
source (e.g. LED). A start command to begin integration can be
initiated by writing a 1 to this bit field. Correspondingly, the
integration can be stopped by simply writing a 0 to the same
bit field.
Interrupt Threshold Register (2h − 5h)
The Interrupt Threshold registers store the values to be used as
the high and low trigger points for the comparison function for
interrupt generation. If the value generated by channel 0
crosses below or is equal to the low threshold specified, an
interrupt is asserted on the interrupt pin. If the value generated
by channel 0 crosses above the high threshold specified, an
interrupt is asserted on the interrupt pin. Registers
THRESHLOWLOW and THRESHLOWHIGH provide the low byte
and high byte, respectively, of the lower interrupt threshold.
Registers THRESHHIGHLOW and THRESHHIGHHIGH provide the
low and high bytes, respectively, of the upper interrupt
threshold. The high and low bytes from each set of registers are
combined to form a 16-bit threshold value. The interrupt
threshold registers default to 00h on power up.
INTEG Field Value
Scale
Nominal Integration Time
00
0.034
13.7ms
01
0.252
101ms
10
1
402ms
11
--
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com