Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Datasheet(HTML) 3 Page - OSRAM GmbH

  TSL2561 Datasheet HTML 1Page - OSRAM GmbH TSL2561 Datasheet HTML 2Page - OSRAM GmbH TSL2561 Datasheet HTML 3Page - OSRAM GmbH TSL2561 Datasheet HTML 4Page - OSRAM GmbH TSL2561 Datasheet HTML 5Page - OSRAM GmbH TSL2561 Datasheet HTML 6Page - OSRAM GmbH TSL2561 Datasheet HTML 7Page - OSRAM GmbH TSL2561 Datasheet HTML 8Page - OSRAM GmbH TSL2561 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-01] 2018-Apr-23
TSL2561 − General Description
Key Benefits & Features
The benefits and features of TSL2561, Light-to-Digital
Converter is listed below:
Figure 1:
Added Value of Using TSL2561
• Approximates Human Eye Response
• Programmable Interrupt Function with User-Defined
Upper and Lower Threshold Settings
• 16-Bit Digital Output with I²C Fast-Mode at 400kHz
• Programmable Analog Gain and Integration Time
Supporting 1,000,000-to-1 Dynamic Range
• Automatically Rejects 50/60Hz Lighting Ripple
• Low Active Power (0.75mW typical) with Power Down
Mode
Benefits
Features
• Enables Operation in IR Light Environments
• Patented Dual-Diode Architecture
• Enables Dark Room to High Lux Sunlight
Operation
• 1M:1 Dynamic Range
• Reduces Micro-Processor Interrupt
Overhead
• Programmable Interrupt Function
• Digital Interface is Less Susceptible to
Noise
• I2C Digital Interface
• Reduces Board Space Requirements while
Simplifying Designs
• Available in 2.6mm x 3.8mm TMB Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com