Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TSL2561 Datasheet HTML 24Page - OSRAM GmbH TSL2561 Datasheet HTML 25Page - OSRAM GmbH TSL2561 Datasheet HTML 26Page - OSRAM GmbH TSL2561 Datasheet HTML 27Page - OSRAM GmbH TSL2561 Datasheet HTML 28Page - OSRAM GmbH TSL2561 Datasheet HTML 29Page - OSRAM GmbH TSL2561 Datasheet HTML 30Page - OSRAM GmbH TSL2561 Datasheet HTML 31Page - OSRAM GmbH TSL2561 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
ams Datasheet
Page 27
[v1-01] 2018-Apr-23
Document Feedback
TSL2561 − Packaging Mechanical Data
Figure 27:
Package T - Six-Lead TMB Plastic Surface Mount Packaging Configuration
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ±0.20mm unless otherwise noted.
2. The photo-active area is 1398μm by 203μm.
3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
4. Contact finish is 0.5μm minimum of soft gold plated over a 18μm thick copper foil pattern with a 5μm to 9μm nickel barrier.
5. The underside of the package includes copper traces used to connect the pads during package substrate fabrication. Accordingly,
exposed traces and vias should not be placed under the footprint of the TMB package in a PCB layout.
6. This package contains no lead (Pb).
7. This drawing is subject to change without notice.
Packaging Mechanical Data
PACKAGE TMB-6
Six-Lead Surface Mount Device
PIN 1
0.31
1.90
2.60
3.80
1.35
0.90 TYP
0.90
TYP
0.30
TYP
0.60
TYP
0.30
TYP
TOP VIEW
BOTTOM VIEW
END VIEW
R 0.20
6 Pls
PIN 4
Lead Free
Pb
Photo-Active Area
TOP VIEW
0.50
0.88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com