Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button TSL2561 Datasheet HTML 29Page - OSRAM GmbH TSL2561 Datasheet HTML 30Page - OSRAM GmbH TSL2561 Datasheet HTML 31Page - OSRAM GmbH TSL2561 Datasheet HTML 32Page - OSRAM GmbH TSL2561 Datasheet HTML 33Page - OSRAM GmbH TSL2561 Datasheet HTML 34Page - OSRAM GmbH TSL2561 Datasheet HTML 35Page - OSRAM GmbH TSL2561 Datasheet HTML 36Page - OSRAM GmbH TSL2561 Datasheet HTML 37Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
ams Datasheet
Page 35
[v1-01] 2018-Apr-23
Document Feedback
TSL2561 − Revision Information
Note(s):
1. Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
2. Correction of typographical errors is not explicitly mentioned.
Changes from 1-00 (2016-May-05) to current revision 1-01 (2018-Apr-23)
Page
Removed all instances of TSL2560CS/T/FN/CL and TSL2561CS/FN/CL
Updated Figure 4
5
Removed I²C Protocols including figures
Updated text under Figure 14
(Replaced all instances of SMBus with I2C)
14
Updated Figure 15 and notes under it
(Replaced all instances of SMB with I2C)
15
Updated text under Interrupt Control Register (6h)
18
Updated Figure 21
19
Renamed “Application Information: Software” to “Device Operation”
22
Removed pseudo code under Basic Operation
22
Removed pseudo code under Configuring the Timing Register
22
Updated text and removed pseudo code under Interrupts
22
Removed Simplified Lux Calculation including pseudo code
Revision Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com