Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button TSL2561 Datasheet HTML 11Page - OSRAM GmbH TSL2561 Datasheet HTML 12Page - OSRAM GmbH TSL2561 Datasheet HTML 13Page - OSRAM GmbH TSL2561 Datasheet HTML 14Page - OSRAM GmbH TSL2561 Datasheet HTML 15Page - OSRAM GmbH TSL2561 Datasheet HTML 16Page - OSRAM GmbH TSL2561 Datasheet HTML 17Page - OSRAM GmbH TSL2561 Datasheet HTML 18Page - OSRAM GmbH TSL2561 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-01] 2018-Apr-23
TSL2561 − Principles of Operation
Register Set
The TSL2561 is controlled and monitored by sixteen registers
(three are reserved) and a Command Register accessed through
the serial interface. These registers provide for a variety of
control functions and can be read to determine results of the
ADC conversions. The Register Set is summarized in Figure 14.
Figure 14:
Register Address
The mechanics of accessing a specific register depends on the
specific I2C protocol used. Refer to the section on I2C protocols.
In general, the Command Register is written first to specify the
specific control/status register for following read/write
operations.
Address
Register Name
Register Function
--
COMMAND
Specifies register address
0h
CONTROL
Control of basic functions
1h
TIMING
Integration time/gain control
2h
THRESHLOWLOW
Low byte of low interrupt threshold
3h
THRESHLOWHIGH
High byte of low interrupt threshold
4h
THRESHHIGHLOW
Low byte of high interrupt threshold
5h
THRESHHIGHHIGH
High byte of high interrupt threshold
6h
INTERRUPT
Interrupt control
7h
--
Reserved
8h
CRC
Factory test - not a user register
9h
--
Reserved
Ah
ID
Part number/Rev ID
Bh
--
Reserved
Ch
DATA0LOW
Low byte of ADC channel 0
Dh
DATA0HIGH
High byte of ADC channel 0
Eh
DATA1LOW
Low byte of ADC channel 1
Fh
DATA1HIGH
High byte of ADC channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com