Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TSL2561 Datasheet HTML 15Page - OSRAM GmbH TSL2561 Datasheet HTML 16Page - OSRAM GmbH TSL2561 Datasheet HTML 17Page - OSRAM GmbH TSL2561 Datasheet HTML 18Page - OSRAM GmbH TSL2561 Datasheet HTML 19Page - OSRAM GmbH TSL2561 Datasheet HTML 20Page - OSRAM GmbH TSL2561 Datasheet HTML 21Page - OSRAM GmbH TSL2561 Datasheet HTML 22Page - OSRAM GmbH TSL2561 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-01] 2018-Apr-23
TSL2561 − Principles of Operation
Figure 19:
Interrupt Threshold Register
Note(s):
1. Since two 8-bit values are combined for a single 16-bit value for each of the high and low interrupt thresholds, the Send Byte protocol
should not be used to write to these registers. Any values transferred by the Send Byte protocol with the MSB set would be interpreted
as the COMMAND field and stored as an address for subsequent read/write operations and not as the interrupt threshold information
as desired. The Write Word protocol should be used to write byte-paired registers. For example, the THRESHLOWLOW and
THRESHLOWHIGH registers (as well as the THRESHHIGHLOW and THRESHHIGHHIGH registers) can be written together to set the
16-bit ADC value in a single transaction.
Interrupt Control Register (6h)
The Interrupt Register controls the extensive interrupt
capabilities of the TSL2561.The interrupt persist bit field
(PERSIST) provides control over when interrupts occur. A value
of 0 causes an interrupt to occur after every integration cycle
regardless of the threshold settings. A value of 1 results in an
interrupt after one integration time period outside the
threshold window. A value of N (where N is 2 through15) results
in an interrupt only if the value remains outside the threshold
window for N consecutive integration cycles. For example, if N
is equal to 10 and the integration time is 402ms, then the total
time is approximately 4 seconds.
When a level Interrupt is selected, an interrupt is generated
whenever the last conversion results in a value outside of the
programmed threshold window. The interrupt is active-low and
remains asserted until cleared by writing the Command
Register with the CLEAR bit set.
Note(s): Interrupts are based on the value of Channel 0 only.
Figure 20:
Interrupt Control Register
Register
Address
Bits
Description
THRESHLOWLOW
2h
7:0
ADC channel 0 lower byte of the low threshold
THRESHLOWHIGH
3h
7:0
ADC channel 0 upper byte of the low threshold
THRESHHIGHLOW
4h
7:0
ADC channel 0 lower byte of the high threshold
THRESHHIGHHIGH
5h
7:0
ADC channel 0 upper byte of the high threshold
7
6
5432
10
Resv
Resv
INTR
PERSIST
Field
Bits
Description
Resv
7:6
Reserved. Write as 0.
INTR
5:4
INTR Control Select. This field determines mode of interrupt logic according to
Figure 21, below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com