Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2561 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # TSL2561
Description  Light-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2561 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button TSL2561 Datasheet HTML 29Page - OSRAM GmbH TSL2561 Datasheet HTML 30Page - OSRAM GmbH TSL2561 Datasheet HTML 31Page - OSRAM GmbH TSL2561 Datasheet HTML 32Page - OSRAM GmbH TSL2561 Datasheet HTML 33Page - OSRAM GmbH TSL2561 Datasheet HTML 34Page - OSRAM GmbH TSL2561 Datasheet HTML 35Page - OSRAM GmbH TSL2561 Datasheet HTML 36Page - OSRAM GmbH TSL2561 Datasheet HTML 37Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-01] 2018-Apr-23
TSL2561 − Content Guide
1
General Description
2
Key Benefits & Features
3
Block Diagram
4
Detailed Description
5
Pin Assignments
6Absolute Maximum Ratings
7
Electrical Characteristics
12
Typical Characteristics
13
Principles of Operation
13
Analog-to-Digital Converter
13
Digital Interface
14
Register Set
15
Command Register
16
Control Register (0h)
16
Timing Register (1h)
17
Interrupt Threshold Register (2h − 5h)
18
Interrupt Control Register (6h)
20
ID Register (Ah)
21
ADC Channel Data Registers (Ch − Fh)
22
Device Operation
22
Basic Operation
22
Configuring the Timing Register
22
Interrupts
23
Calculating Lux
24
T Package
25
Application Information: Hardware
25
Power Supply Decoupling and Application Hardware
Circuit
26
PCB Pad Layout
27
Packaging Mechanical Data
29
Manufacturing Information
30
Moisture Sensitivity
31
Ordering & Contact Information
32
RoHS Compliant & ams Green Statement
33
Copyrights & Disclaimer
34
Document Status
35
Revision Information
Content Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com