Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 63 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 63 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 59Page - OSRAM GmbH 4LS Datasheet HTML 60Page - OSRAM GmbH 4LS Datasheet HTML 61Page - OSRAM GmbH 4LS Datasheet HTML 62Page - OSRAM GmbH 4LS Datasheet HTML 63Page - OSRAM GmbH 4LS Datasheet HTML 64Page - OSRAM GmbH 4LS Datasheet HTML 65Page - OSRAM GmbH 4LS Datasheet HTML 66Page - OSRAM GmbH 4LS Datasheet HTML 67Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 62
Address: 0x02
Default Value: 0x00
Access: Read/Write
Bit
Bit Name
Default
Bit Description
3:3
Output Mode
0b
Sets the output transmission mode.
When set to '1' the transmission is
performed at 8-bit (maximum MCLK =
80 MHz).
When set to '0' the transmission is
performed at 12-bit (maximum MCLK =
60 MHz).
2:0
PLL Division
000b
These 3 bits are responsible for the PLL
clock division configuration.
Figure 93:
Frequency Range Programmed by PLL Division
Bit 2
Bit 1
Bit 0
Division
Value
Frequency Range of MCLK
[MHz] for 12-Bit Mode
Frequency Range of MCLK
[MHz] for 8-Bit Mode
0
0
0
0
37.5
– 60
75
– 80
0
0
1
2
19
– 37.5
38
– 75
0
1
0
4
9
–19
18
– 38
0
1
1
8
4.5
– 9
9
– 18
1
0
0
16
2
– 4.5
4
– 9
9.1.4
Status 3 Register (Address 0x03)
Figure 94:
STS3Reg
Address: 0x03
Default Value: 0x00
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:7
VBL Top Bottom
Connection
0b
When set to ‘1’ connects the black level
voltage between Top and Bottom
elements.
6:6
VREF Top Bottom
Connection
0b
When set to
‘1’ connects the CDS
reference voltage between Top and
Bottom elements.
5:5
RAMP L1 L2
Connection
0b
When set to ‘1’ connects Ramp Line 1 to
Ramp Line 2 from each segment
individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com