Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 32 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 28Page - OSRAM GmbH 4LS Datasheet HTML 29Page - OSRAM GmbH 4LS Datasheet HTML 30Page - OSRAM GmbH 4LS Datasheet HTML 31Page - OSRAM GmbH 4LS Datasheet HTML 32Page - OSRAM GmbH 4LS Datasheet HTML 33Page - OSRAM GmbH 4LS Datasheet HTML 34Page - OSRAM GmbH 4LS Datasheet HTML 35Page - OSRAM GmbH 4LS Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 31
Figure 39:
Principle of LVDS Current Steering Interface
The following table shows the LVDS parameters. These parameters were designed and simulated
using a 10 pF load and 100
Ω termination.
Figure 40:
LVDS Parameters
Description
Min
Typ
Max
Units
Differential Propagation Delay Low-to-High, tPLHD
150
320
ps
Differential Propagation Delay High-to-Low, tPHLD
150
320
ps
Differential Output Rise Time (20% to 80%), tTLHD
250
400
ps
Differential Output Fall Time (80% to 20%), tTHLD
250
400
ps
Pulse Skew, tSK(P)
400
ps
7.7
Transmission Mode
The chip has the capability of increasing the output line rate by reducing the transmitted serial word
length by configuring the bit-3 of register 0x02.
In
Out
R
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com