Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 29 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 25Page - OSRAM GmbH 4LS Datasheet HTML 26Page - OSRAM GmbH 4LS Datasheet HTML 27Page - OSRAM GmbH 4LS Datasheet HTML 28Page - OSRAM GmbH 4LS Datasheet HTML 29Page - OSRAM GmbH 4LS Datasheet HTML 30Page - OSRAM GmbH 4LS Datasheet HTML 31Page - OSRAM GmbH 4LS Datasheet HTML 32Page - OSRAM GmbH 4LS Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 28
To accommodate for the use of the companding ADC curve, the overall ADC gain can be programmed
with 8 bits (255 values) over the serial configuration interface.
For a better understanding on the use of companding mode, please see Figure 36.
Figure 36 :
Principle of ADC Companding Mode
7.3.3
ADC Parameters
The next figure presents the parameters of the ADC.
Figure 37:
ADC Parameters
Parameter
Min
Typ
Max
Unit
Default conversion (full range)
0.8
1
1.2
V
INL
1
2
LSB(1)
DNL
0.5
1
LSB(1)
Programmable VReset voltage swing
1.65
1.8
1.85
V
Programmable conversion (full range)
0.5
1.38
V
(1)
Is defined as LSB as the difference between the binary level N and N+1.
ADC Black Level
Register 0x06
ADC Step
Register 0x04 to Line 1
ADC Slope Threshold 1
Register 0x07
ADC Slope Threshold 2
Register 0x08
ADC Slope Threshold 3
Register 0x09
ADC End Range
Register 0x0A
Black
White
Analogue
Signal
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com