Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 79 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 79 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 75Page - OSRAM GmbH 4LS Datasheet HTML 76Page - OSRAM GmbH 4LS Datasheet HTML 77Page - OSRAM GmbH 4LS Datasheet HTML 78Page - OSRAM GmbH 4LS Datasheet HTML 79Page - OSRAM GmbH 4LS Datasheet HTML 80Page - OSRAM GmbH 4LS Datasheet HTML 81Page - OSRAM GmbH 4LS Datasheet HTML 82Page - OSRAM GmbH 4LS Datasheet HTML 83Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 78
Figure 134:
Default Sensor Register Setting
Address
Register ID and Description
Default
Value
0x00
CRReg
– Holds the CMOS image sensor version
0x02
0x01
STS1Reg
– Holds several configuration bits
0x85
0x02
STS2Reg
– Holds several configuration bits
0x00
0x03
STS3Reg
– Holds several configuration bits
0x00
0x04
AGL1Reg
– Sets the analogue gain (step size of ADC) applied on Line 1
0x80
0x05
AGL2Reg
– Sets the analogue gain (step size of ADC) applied on Line 2
0x80
0x06
BLOReg
– Sets the black level reference for the ADC
0x80
0x07
CT1Reg
– Sets the first knee point for companding ADC mode
0x00
0x08
CT2Reg
– Sets the second knee point for companding ADC mode
0x80
0x09
CT3Reg
– Sets the third knee point for for companding ADC mode
0x00
0x0A
EORReg
– Sets the end of range for the ADC (highest ADC code & ADC
conversion time)
0xFF
0x0B
PBCReg
– Sets the current provided by the bias block
0x55
0x0C
PLVDReg
– Sets the current used on LVDS driver
0x8D
0x0D
TMXReg
– Sets the output of test multiplexer to the test analogue pad
0x00
0x0E
TMDReg
– Sets the CIS mode state for debugging and testing
0x30
0x0F
TSQ1L1Reg
– Sets the 8 MSBs for training sequence word A
0xFF
0x10
TSQ2L1Reg
– Sets the 8 MSBs for training sequence word B
0xFF
0x11
TSQ3L1Reg
– Sets the LSBs for training sequence word A and B
0xA9
0x12
TDSL1Reg
– Sets the data pattern to be sent out via Data outputs in
training mode
0x40
0x13
TSQ1L2Reg
– Sets the 8 MSBs for training sequence word A
0xFF
0x14
TSQ2L2Reg
– Sets the 8 MSBs for training sequence word B
0xFF
0x15
TSQ3L2Reg
– Sets the LSBs for training sequence word A and B
0xAA
0x16
TDSL2Reg
– Sets the data pattern to be sent out via Data outputs in
training mode
0x40
0x17
SMT1Reg
– Sets the LSB data pattern to be written on the memory for
test
0x00
0x18
SMT2Reg
– Sets the MSB data pattern to be written on the memory for
test
0x00
0x19
SROIReg
– Sets the start address for the ROI to be read
0x00
0x1A
EROIReg
– Sets the end address for the ROI to be read
0xA0
0x1B
TEMPReg
– Holds the temperature value retrieved and converted by the
temperature sensor
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com