Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 45 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 41Page - OSRAM GmbH 4LS Datasheet HTML 42Page - OSRAM GmbH 4LS Datasheet HTML 43Page - OSRAM GmbH 4LS Datasheet HTML 44Page - OSRAM GmbH 4LS Datasheet HTML 45Page - OSRAM GmbH 4LS Datasheet HTML 46Page - OSRAM GmbH 4LS Datasheet HTML 47Page - OSRAM GmbH 4LS Datasheet HTML 48Page - OSRAM GmbH 4LS Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 44
Figure 63:
12-Bit Timing Clocks for Readout Mode 1-To-1
Parameters
Clocks
RST_CDS
60
ADC Time
707
Readout Data
644
Readout Time
670
SAMPLE
30
START_AD
2
TBTW_START_AD&RST_RAMP
1
TBTW_SAMPLE&START_AD
8
FCT
748
MTA => Line Rate
FCT = 748 => 80.21 kHz
DTI
68
Max Integration Time(1)
748
– 68 = 680 => 11.33 µs
Minimum LVALLow_Period
104
(1)
To use the sensor at the maximum line rate, this is the maximum integration time possible. When it comes to the
minimum integration time, in theory, it is possible to use a lower integration time, but it was not tested on this
configuration. From an application perspective, using a lower integration time, does not bring significant advantages,
once the line rate cannot be higher and the system would need to increase the illumination power.
The minimum LVAL time at low between two consecutive data streams is:
Equation 8:
������������������������������������������_������������������������������������ = ������������������ − ������������������������
Therefore:
������������������������������������������_������������������������������������ = 748 − 644 = 104 ������������������������������������
Below are presented the highest line rate values for readout modes of 2-To-1 and 4-To-1, maintaining
the same above sensor configuration. On these specific cases, the Readout Time is higher than the
ADC Time, therefore the MTA is calculated by Equation 2. On this case, it is possible to use the
original SAMPLE value of 1 µs (60 clocks @ 60 MHz), once will not affect the MTA, because the FCT
is only increased by 30 clocks (total of 778).
Figure 64:
12-Bit Timing Clocks for Readout Mode 2-To-1
Parameters
Clocks
Readout Data
1288
Readout Time
1318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com