Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 67 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 67 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 63Page - OSRAM GmbH 4LS Datasheet HTML 64Page - OSRAM GmbH 4LS Datasheet HTML 65Page - OSRAM GmbH 4LS Datasheet HTML 66Page - OSRAM GmbH 4LS Datasheet HTML 67Page - OSRAM GmbH 4LS Datasheet HTML 68Page - OSRAM GmbH 4LS Datasheet HTML 69Page - OSRAM GmbH 4LS Datasheet HTML 70Page - OSRAM GmbH 4LS Datasheet HTML 71Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 66
Figure 102:
End of Range Value According to ADC Resolution
ADC Resolution
Maximum EOR Value
12-bit
0xFF
8-bit
0x3F
9.1.12
Programmable Bias Current Register (Address 0x0B)
Figure 103:
PBCReg
Address: 0x0B
Default Value: 0x55
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:6
Comparator Bias
01b
It defines the comparator bias current
multiplier.
5:4
CVC Bias
01b
It defines the CVC bias current multiplier.
3:2
CDS Bias
01b
It defines the CDS bias current multiplier.
1:0
VREF Trimming
01b
It defines the VREF voltage to be used on
all CDS on the sensor.
Figure 104:
Comparator Bias Current Programmed by Register
Bit 7
Bit 6
Comparator Bias Current [µA]
0
0
5
0
1
7.5
1
0
10
1
1
12.5
Figure 105:
CVC Bias Current Programmed by Register
Bit 5
Bit 4
CVC Bias Current [µA]
0
0
2.5
0
1
5
1
0
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com