Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 56 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 56 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 52Page - OSRAM GmbH 4LS Datasheet HTML 53Page - OSRAM GmbH 4LS Datasheet HTML 54Page - OSRAM GmbH 4LS Datasheet HTML 55Page - OSRAM GmbH 4LS Datasheet HTML 56Page - OSRAM GmbH 4LS Datasheet HTML 57Page - OSRAM GmbH 4LS Datasheet HTML 58Page - OSRAM GmbH 4LS Datasheet HTML 59Page - OSRAM GmbH 4LS Datasheet HTML 60Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 115 page
background image
Document Feedback
4LS
Digital Interface
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 55
Figure 79 shows the block diagram of the SPI.
Figure 79:
SPI Functional Block
This interface uses the following signals.
Figure 80:
SPI Signals
Signal
Function
Force Update
Forces the write of the latest data to registers, transferring from shadow to effective memory
MISO
Master In, Slave Out
MOSI
Master Out, Slave In
N_CS
Low active chip select
N_RST_SPI
Low active reset for both SPI interface and all registers
SCLK
Serial interface clock frequency
TSCLK
Serial interface clock period
The command word has a length of 16 bits that contains the address of the register and the data. The
SCLK signal frequency, should not be higher than ¼ of main clock up to 12.5 MHz i.e., if MCLK is
10 MHz, SCLK should be defined to a maximum of 2.5 MHz, however if MCLK is >50 MHz, SCLK
should not exceed 12.5 MHz.
For read and write operations the data is sent from MSB to LSB.
4LS SPI Functional Block
Control Block
N_CS
SCLK
N_RST_SPI
Input Block
Output Block
MOSI
MISO
Read Block
Registers
Force_Update
MCLK
DATA
ADDRESS
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com