Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 47 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 47 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 43Page - OSRAM GmbH 4LS Datasheet HTML 44Page - OSRAM GmbH 4LS Datasheet HTML 45Page - OSRAM GmbH 4LS Datasheet HTML 46Page - OSRAM GmbH 4LS Datasheet HTML 47Page - OSRAM GmbH 4LS Datasheet HTML 48Page - OSRAM GmbH 4LS Datasheet HTML 49Page - OSRAM GmbH 4LS Datasheet HTML 50Page - OSRAM GmbH 4LS Datasheet HTML 51Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 46
Parameters
Clocks
SAMPLE
80
START_AD
2
TBTW_START_AD&RST_RAMP
1
TBTW_SAMPLE&START_AD
12
FCT
375
MTA => Line Rate
670 => 119.4 kHz
DTI
670
– 558 = 112
Max Integration Time(1)
558 => 6.975 µs
Minimum LVALLow_Period
26
(1)
To use the sensor at the maximum line rate, this is the maximum integration time possible. When it comes to the
minimum integration time, in theory, it is possible to use a lower integration time, but it was not tested on this
configuration. From an application perspective, using a lower integration time, does not bring significant advantages,
once the line rate cannot be higher and the system would need to increase the illumination power.
The minimum LVAL time at low between two consecutive data streams is:
������������������������������������������_������������������������������������ = 670 − 644 = 26 ������������������������������������
Figure 67:
8-Bit Timing Clocks for Readout Mode 2-To-1
Parameters
Clocks
Readout Data
1288
Readout Time
1318
FCT
375
MTA => Line Rate
1318 => 60.7 kHz
DTI
112
Max Integration Time
1206 => 15.075 µs
Minimum LVALLow_Period
30
Figure 68:
8-Bit Timing Clocks for Readout Mode 4-To-1
Parameters
Clocks
Readout Data
2576
Readout Time
2614
FCT
375
MTA => Line Rate
2614 => 30.6 kHz
DTI
112
Max Integration Time
2502 => 31.275 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com