Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 98 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 98 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 94Page - OSRAM GmbH 4LS Datasheet HTML 95Page - OSRAM GmbH 4LS Datasheet HTML 96Page - OSRAM GmbH 4LS Datasheet HTML 97Page - OSRAM GmbH 4LS Datasheet HTML 98Page - OSRAM GmbH 4LS Datasheet HTML 99Page - OSRAM GmbH 4LS Datasheet HTML 100Page - OSRAM GmbH 4LS Datasheet HTML 101Page - OSRAM GmbH 4LS Datasheet HTML 102Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 115 page
background image
Document Feedback
4LS
Pin Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 97
Pin Number
Pin Name
Pin Number
Pin Name
71
BOTTOM_B_LVDS_3_L1-
72
BOTTOM_B_LVDS_3_L1+
73
1.8V_Digital
74
1.8V_Digital
75
BOTTOM_B_LVDS_2_L1-
76
BOTTOM_B_LVDS_2_L1+
77
VSS
78
VSS
79
BOTTOM_B_LVDS_1_L1-
80
BOTTOM_B_LVDS_1_L1+
81
3.3V_ANALOGUE
82
3.3V_ANALOGUE
83
3.3V_ANALOGUE
84
3.3V_ANALOGUE
85
3.3V_ANALOGUE
86
3.3V_ANALOGUE
87
3.3V_ANALOGUE
88
BOTTOM_A_LVAL
89
3.3V_ANALOGUE
90
BOTTOM_A_N_CS
91
BOTTOM_A_LVDS_4_L2-
92
BOTTOM_A_LVDS_4_L2+
93
VSS
94
VSS
95
BOTTOM_A_LVDS_3_L2-
96
BOTTOM_A_LVDS_3_L2+
97
1.8V_Digital
98
1.8V_Digital
99
BOTTOM_A_LVDS_2_L2-
100
BOTTOM_A_LVDS_2_L2+
101
VSS
102
VSS
103
BOTTOM_A_LVDS_1_L2-
104
BOTTOM_A_LVDS_1_L2+
105
1.8V_Digital
106
1.8V_Digital
107
BOTTOM_A_DATA_CLK-
108
BOTTOM_A_DATA_CLK+
109
VSS
110
VSS
111
BOTTOM_A_LVDS_4_L1-
112
BOTTOM_A_LVDS_4_L1+
113
1.8V_Digital
114
1.8V_Digital
115
BOTTOM_A_LVDS_3_L1-
116
BOTTOM_A_LVDS_3_L1+
117
VSS
118
VSS
119
BOTTOM_A_LVDS_2_L1-
120
BOTTOM_A_LVDS_2_L1+
121
1.8V_Digital
122
1.8V_Digital
123
BOTTOM_A_LVDS_1_L1-
124
BOTTOM_A_LVDS_1_L1+
125
VSS
126
VSS
127
BOTTOM_ ALL _SAMPLE_L2
128
BOTTOM_All_RST_CVC_L2
129
BOTTOM_ ALL _SAMPLE_L1
130
BOTTOM_All_RST_CVC_L1
131
BOTTOM_ ALL _RST_CDS_L2
132
BOTTOM_ ALL _START_READOUT
133
BOTTOM_ ALL _RST_CDS_L1
134
BOTTOM_ ALL _START_AD_CONV
135
3.3V_ANALOGUE
136
Internal Use Only (2)
137
3.3V_ANALOGUE
138
Internal Use Only (2)
139
3.3V_ANALOGUE
140
Internal Use Only (2)
(1)
NC → Not connected.
(2)
Leave floating or connected to 1.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com