Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 83 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 83 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 79Page - OSRAM GmbH 4LS Datasheet HTML 80Page - OSRAM GmbH 4LS Datasheet HTML 81Page - OSRAM GmbH 4LS Datasheet HTML 82Page - OSRAM GmbH 4LS Datasheet HTML 83Page - OSRAM GmbH 4LS Datasheet HTML 84Page - OSRAM GmbH 4LS Datasheet HTML 85Page - OSRAM GmbH 4LS Datasheet HTML 86Page - OSRAM GmbH 4LS Datasheet HTML 87Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 115 page
background image
Document Feedback
4LS
Pin Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 82
Pin Number
Pin Name
Pin Number
Pin Name
137
3.3V_ANALOGUE
138
Internal Use Only (1)
139
3.3V_ANALOGUE
140
Internal Use Only (1)
(1)
Leave floating or connected to 1.8 V.
Figure 137:
Connector 2 Pinout
Pin Number
Pin Name
Pin Number
Pin Name
1
TOP_ALL_MCLK
2
TOP_C_LVAL
3
TOP_C_N_CS
4
FORCE_UPDATE_TOP_L1
5
TOP_C_LVDS_4_L2+
6
TOP_C_LVDS_4_L2-
7
1.8V_Digital
8
TOP_ALL_N_RST_PLL
9
TOP_C_LVDS_3_L2+
10
TOP_C_LVDS_3_L2-
11
1.8V_Digital
12
TOP_ALL_N_RST_SPI
13
TOP_C_LVDS_2_L2+
14
TOP_C_LVDS_2_L2-
15
1.8V_Digital
16
TOP_ALL_N_RST_LOGIC
17
TOP_C_LVDS_1_L2+
18
TOP_C_LVDS_1_L2-
19
VSS
20
VSS
21
TOP_C_DATA_CLK+
22
TOP_C_DATA_CLK-
23
1.8V_Digital
24
1.8V_Digital
25
TOP_C_LVDS_4_L1+
26
TOP_C_LVDS_4_L1-
27
VSS
28
VSS
29
TOP_C_LVDS_3_L1+
30
TOP_C_LVDS_3_L1-
31
1.8V_Digital
32
1.8V_Digital
33
TOP_C_LVDS_2_L1+
34
TOP_C_LVDS_2_L1-
35
VSS
36
VSS
37
TOP_C_LVDS_1_L1+
38
TOP_C_LVDS_1_L1-
39
TOP_ALL(ABC)_MISO
40
VSS
41
TOP_ALL_MOSI
42
TOP_B_LVAL
43
TOP_ALL_SCLK
44
TOP_ALL_EXT_SYNC
45
TOP_B_N_CS
46
1.8V_Digital
47
TOP_B_LVDS_4_L2+
48
TOP_B_LVDS_4_L2-
49
VSS
50
VSS
51
TOP_B_LVDS_3_L2+
52
TOP_B_LVDS_3_L2-
53
VSS
54
VSS
55
TOP_B_LVDS_2_L2+
56
TOP_B_LVDS_2_L2-
57
1.8V_Digital
58
1.8V_Digital
59
TOP_B_LVDS_1_L2+
60
TOP_B_LVDS_1_L2-
61
VSS
62
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com