Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 65 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 65 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 61Page - OSRAM GmbH 4LS Datasheet HTML 62Page - OSRAM GmbH 4LS Datasheet HTML 63Page - OSRAM GmbH 4LS Datasheet HTML 64Page - OSRAM GmbH 4LS Datasheet HTML 65Page - OSRAM GmbH 4LS Datasheet HTML 66Page - OSRAM GmbH 4LS Datasheet HTML 67Page - OSRAM GmbH 4LS Datasheet HTML 68Page - OSRAM GmbH 4LS Datasheet HTML 69Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 64
9.1.6
Analogue Gain for Line 2 Register (Address 0x05)
Figure 96:
AGL2Reg
Address: 0x05
Default Value: 0x80
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:0
Analogue Gain Level
10000000b
It defines the analogue gain level in the
ADC which defines the voltage equivalent
to one ADC step (1 DN) applied to the
Line 2.
9.1.7
Black Level Offset Register (Address 0x06)
Figure 97:
BLOReg
Address: 0x06
Default Value: 0x80
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:0
Black Level Offset
10000000b
It defines the analogue black level offset
that corresponds to the ADC offset.
The Black Level value is dependent of the Vref value (register 0x0B bits[1:0]), varying 1.4 V around
the respective Vref voltage (approximately 36% below and 64% above the reference). For instance, if
Vref has a voltage of 1.8 V, and BLOReg is set to (0x00), therefore the Black level is 1.31 V. Similarly,
for the maximum value of BLOReg (0xFF), the Black level is 2.57 V. Each register step is equivalent to
approximately 5 mV.
9.1.8
Companding Threshold 1 Register (Address 0x07)
Figure 98:
CT1Reg
Address: 0x07
Default Value: 0x00
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:0
Companding
Threshold 1
00000000b
It defines, in companding mode, the first
ADC step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com