Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 77 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 77 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 73Page - OSRAM GmbH 4LS Datasheet HTML 74Page - OSRAM GmbH 4LS Datasheet HTML 75Page - OSRAM GmbH 4LS Datasheet HTML 76Page - OSRAM GmbH 4LS Datasheet HTML 77Page - OSRAM GmbH 4LS Datasheet HTML 78Page - OSRAM GmbH 4LS Datasheet HTML 79Page - OSRAM GmbH 4LS Datasheet HTML 80Page - OSRAM GmbH 4LS Datasheet HTML 81Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 76
9.1.31
Status 5 Register (Address 0x1E)
Figure 129:
STS5Reg
Address: 0x1E
Default Value: 0x30
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:7
VREF CDS Buff Half
Current
0b
When set to ‘1’ reduces the VREF CDS
buffer current to half.
6:6
VRST Pixel Buff Half
Current
0b
When set to ‘1’ reduces the VRST pixel
buffer current to half.
5:4
CLK Phase
11b
It is used to choose between Rise-
Edge and Fall-Edge of MLCK to
perform the serializer synchronization.
3:2
PLL Resistor
00b
Increases the PLL resistor for
stabilization purposes.
1:0
PLL Charge Pump
00b
To be used to configure the current on
the PLL charge pump.
Figure 130:
Effect on MLCK Provided to Serializer of 4LS
CLK Phase
Bit 5
Bit 4
Effect on MLCK Provided to Serializer
00
0
0
Copy of MCLK
01
0
1
Inverted copy of MCLK
10
1
0
Copy of MCLK delayed by 1 PLL clock
11
1
1
Copy of MCLK delayed by 2 PLL clocks
Figure 131:
PLL Charge Pump Programmed by Register
Bit 1
Bit 0
Current [µA]
0
0
1.6
0
1
3.2
1
0
4.9
1
1
6.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com