Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 24 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 20Page - OSRAM GmbH 4LS Datasheet HTML 21Page - OSRAM GmbH 4LS Datasheet HTML 22Page - OSRAM GmbH 4LS Datasheet HTML 23Page - OSRAM GmbH 4LS Datasheet HTML 24Page - OSRAM GmbH 4LS Datasheet HTML 25Page - OSRAM GmbH 4LS Datasheet HTML 26Page - OSRAM GmbH 4LS Datasheet HTML 27Page - OSRAM GmbH 4LS Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 23
Figure 28:
Pixel Distribution on 4LS15K RGB + Monochrome
Figure 29:
Pixel Distribution on 4LS15K Monochrome
The sensor has three different operation modes, being the Standard Mode the main setting. The
selection between each mode is done using the following configuration bits.
Figure 30:
Sensor Configuration Mode
Status 4
Register
Bit 4
Status 4
Register
Bit 3
Test Mode
Register
Bit 0
Operation Mode Selected
Remark
0
1
0
Standard Mode
Pixel Size: 5.6 µm x 5.6 µm
Default
1
0
0
Special Mode
Internal Use Only
Do Not Use.
5.6 um
1
2
...
15
16
17
18
19
20
...
154 37 154 38 154 39 154 40 154 41 154 42
...
154 55 154 56
1
2
...
15
16
17
18
19
20
...
154 37 154 38 154 39 154 40 154 41 154 42
...
154 55 154 56
1
2
...
15
16
17
18
19
20
...
154 37 154 38 154 39 154 40 154 41 154 42
...
154 55 144 56
1
2
...
15
16
17
18
19
20
...
154 37 154 38 154 39 154 40 154 41 154 42
...
154 55 154 56
5.6 um
5.6 um
Line 2 - Top
Line 1 - Top
Line 1 - Bottom
Line 2 - Bottom
Line 2 - Top
Line 1 - Top
Line 1 - Bottom
Line 2 - Bottom
1
2
...
15
16
17
18
19
20
...
154 37 154 38 154 39 154 40 154 41 154 42
...
154 55 154 56
1
2
...
15
16
17
18
19
20
...
154 37 154 38 154 39 154 40 154 41 154 42
...
154 55 154 56
1
2
...
15
16
17
18
19
20
...
154 37 154 38 154 39 154 40 154 41 154 42
...
154 55 154 56
1
2
...
15
16
17
18
19
20
...
154 37 154 38 154 39 154 40 154 41 154 42
...
154 55 154 56
5.6 um
5.6 um
5.6 um



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com