Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 96 Page - OSRAM GmbH

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS Datasheet(HTML) 96 Page - OSRAM GmbH

Back Button 4LS Datasheet HTML 92Page - OSRAM GmbH 4LS Datasheet HTML 93Page - OSRAM GmbH 4LS Datasheet HTML 94Page - OSRAM GmbH 4LS Datasheet HTML 95Page - OSRAM GmbH 4LS Datasheet HTML 96Page - OSRAM GmbH 4LS Datasheet HTML 97Page - OSRAM GmbH 4LS Datasheet HTML 98Page - OSRAM GmbH 4LS Datasheet HTML 99Page - OSRAM GmbH 4LS Datasheet HTML 100Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 115 page
background image
Document Feedback
4LS
Pin Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 95
Pin Number
Pin Name
Pin Number
Pin Name
75
VSS
76
VSS
77
TOP_E_LVDS_4_L1+
78
TOP_E_LVDS_4_L1-
79
VSS
80
VSS
81
TOP_E_LVDS_3_L1+
82
TOP_E_LVDS_3_L1-
83
VSS
84
VSS
85
TOP_E_LVDS_2_L1+
86
TOP_E_LVDS_2_L1-
87
VSS
88
VSS
89
TOP_E_LVDS_1_L1+
90
TOP_E_LVDS_1_L1-
91
3.3V_ANALOGUE
92
3.3V_ANALOGUE
93
3.3V_ANALOGUE
94
3.3V_ANALOGUE
95
TOP_D_LVAL
96
3.3V_ANALOGUE
97
TOP_D_N_CS
98
3.3V_ANALOGUE
99
TOP_D_LVDS_4_L2+
100
TOP_D_LVDS_4_L2-
101
VSS
102
VSS
103
TOP_D_LVDS_3_L2+
104
TOP_D_LVDS_3_L2-
105
1.8V_Digital
106
1.8V_Digital
107
TOP_D_LVDS_2_L2+
108
TOP_D_LVDS_2_L2-
109
VSS
110
VSS
111
TOP_D_LVDS_1_L2+
112
TOP_D_LVDS_1_L2-
113
1.8V_Digital
114
1.8V_Digital
115
TOP_D_DATA_CLK+
116
TOP_D_DATA_CLK-
117
VSS
118
VSS
119
TOP_D_LVDS_4_L1+
120
TOP_D_LVDS_4_L1-
121
1.8V_Digital
122
1.8V_Digital
123
TOP_D_LVDS_3_L1+
124
TOP_D_LVDS_3_L1-
125
VSS
126
VSS
127
TOP_D_LVDS_2_L1+
128
TOP_D_LVDS_2_L1-
129
1.8V_Digital
130
1.8V_Digital
131
TOP_D_LVDS_1_L1+
132
TOP_D_LVDS_1_L1-
133
VSS (connected Dig_IO pin)
134
VSS
135
Dig_IO
136
3.3V_ANALOGUE
137
Dig_IO
138
3.3V_ANALOGUE
139
Dig_IO
140
3.3V_ANALOGUE
(1)
Dig_IO → Not connected to the silicon. For FPGA debug test point purposes.
(2)
NC → Not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com