Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 24Page - Analog Devices AD9957/PCBZ Datasheet HTML 25Page - Analog Devices AD9957/PCBZ Datasheet HTML 26Page - Analog Devices AD9957/PCBZ Datasheet HTML 27Page - Analog Devices AD9957/PCBZ Datasheet HTML 28Page - Analog Devices AD9957/PCBZ Datasheet HTML 29Page - Analog Devices AD9957/PCBZ Datasheet HTML 30Page - Analog Devices AD9957/PCBZ Datasheet HTML 31Page - Analog Devices AD9957/PCBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
AD9957
Rev. 0 | Page 28 of 60
RAM
32
10
Q
STATE
MACHINE
SCLK
SDIO
CS
I/O_RESET
RT
END ADDRESS
START ADDRESS
10
10
ADDRESS STEP RATE
16
RAM MODE
3
CLK
BASEBAND DATA CLOCK
I
16
IS
Q
QS
DDS CLOCK
UP/DOWN COUNTER
I CHANNEL
Q CHANNEL
RAM
SEGMENT
REGISTERS
U/D
32
2
(MSBs)
(LSBs)
16
NOTES
1. NONESSENTIAL FUNCTIONAL COMPONENTS ARE RENDERED IN GRAY.
Figure 42. RAM Playback to Baseband Data Path
OVERVIEW OF RAM PLAYBACK MODES
The RAM is operational in any one of four different
playback modes.
•
Ramp-up
•
Bidirectional ramp
•
Continuous bidirectional ramp
•
Continuous recirculate
RAM playback is only functional when the AD9957 is pro-
grammed for either the QDUC or interpolating DAC mode.
The RAM playback mode is selected via the 3-bit RAM
playback mode word located in each of the RAM segment
registers. Thus, the RAM playback mode is segment dependent.
The RAM playback mode bits are detailed in Table 6.
Table 6. RAM Playback Modes
RAM Playback Mode
Bits<2:0>
RAM Playback Mode
001
Ramp-up
010
Bidirectional ramp
011
Continuous bidirectional ramp
100
Continuous recirculate
000, 101, 110, 111
Not Valid
The continuous bidirectional ramp and continuous recirculate
modes are not available when the baseband scaling multipliers
serve as the destination of RAM playback.
RAM Ramp-Up Mode
In ramp-up mode, upon assertion of an I/O update or a state
change on the RT pin, the RAM begins playback operation
using the parameters programmed into the selected RAM
segment register. Data is extracted from RAM over the specified
address range contained in the start address and end address of
the active RAM segment register. The data is delivered at the
appropriate rate and to the destination as specified by the RAM
playback destination bit.
The playback rate is governed by the timer internal to the RAM
state machine and its period (Δt) is determined by the state of the
RAM playback destination bit as detailed in the RAM playback
operation section.
The internal state machine begins extracting data from the
RAM at the start address and continues to extract data until it
reaches the end address. Upon reaching this address, the state
machine halts.
A graphic representation of the ramp-up mode appears in
Figure 43. The upper trace shows the progression of the RAM
address from the start address to the end address for the active
RAM segment register. The address value advances by one with
each timeout of the timer internal to the state machine. The circled
numbers indicate specific events, explained as follows:
Event 1—an I/O update or state transition on the RT pin. This
event initializes the state machine to the start address of the active
RAM segment register.
Event 2—the state machine reaches the end address of the active
RAM segment register and halts.
START ADDRESS
RAM
ADDRESS
END ADDRESS
1
1 PDCLK CYCLE
OR
M DDS CLOCK CYCLES
Δ
t
I/O_UPDATE OR
RT TRANSITION
2
1
Figure 43. Ramp-Up Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com