Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 52Page - Analog Devices AD9957/PCBZ Datasheet HTML 53Page - Analog Devices AD9957/PCBZ Datasheet HTML 54Page - Analog Devices AD9957/PCBZ Datasheet HTML 55Page - Analog Devices AD9957/PCBZ Datasheet HTML 56Page - Analog Devices AD9957/PCBZ Datasheet HTML 57Page - Analog Devices AD9957/PCBZ Datasheet HTML 58Page - Analog Devices AD9957/PCBZ Datasheet HTML 59Page - Analog Devices AD9957/PCBZ Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
AD9957
Rev. 0 | Page 57 of 60
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-AED-HD
[Note: Exposed Pad should be solder to ground]
1
25
26
50
76
100
75
51
14.00 BSC SQ
16.00 BSC SQ
0.75
0.60
0.45
1.20
MAX
1.05
1.00
0.95
0.20
0.09
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0° MIN
3.5°
0.15
0.05
VIEW A
PIN 1
TOP VIEW
(PINS DOWN)
0.27
0.22
0.17
0.50 BSC
LEAD PITCH
1
25
26
50
76
100
75
51
BOTTOM VIEW
(PINS UP)
5.00 SQ
EXPOSED
PAD
Figure 63. 100-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
(SV-100-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9957BSVZ
–40°C to +85°C
100-Lead Thin Quad Flat Package Exposed Pad [TQFP_EP]
SV-100-4
1
AD9957BSVZ-REEL
–40°C to +85°C
100-Lead Thin Quad Flat Package Exposed Pad [TQFP_EP]
SV-100-4
1
AD9957/PCBZ
Evaluation Board
1
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com