Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 14Page - Analog Devices AD9957/PCBZ Datasheet HTML 15Page - Analog Devices AD9957/PCBZ Datasheet HTML 16Page - Analog Devices AD9957/PCBZ Datasheet HTML 17Page - Analog Devices AD9957/PCBZ Datasheet HTML 18Page - Analog Devices AD9957/PCBZ Datasheet HTML 19Page - Analog Devices AD9957/PCBZ Datasheet HTML 20Page - Analog Devices AD9957/PCBZ Datasheet HTML 21Page - Analog Devices AD9957/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
AD9957
Rev. 0 | Page 18 of 60
INTERPOLATING DAC MODE
A block diagram of the AD9957 operating in the interpolating
DAC mode is shown in Figure 28; grayed items are inactive. In
this mode, the Q data path, DDS, and modulator are all disabled;
only the I data path is active.
As in quadrature modulation mode, the PDCLK pin functions
as a clock, synchronizing the input of data to the AD9957.
No modulation takes place in the interpolating DAC mode;
therefore, the spectrum of the data supplied at the parallel port
remains at baseband. However, a sample rate conversion takes
place based on the programmed interpolation rate. The inter-
polation hardware processes the signal, effectively performing
an oversample with a zero-stuffing operation. The original
input spectrum remains intact and the images that otherwise
would occur from the sample rate conversion process are
suppressed by the interpolation signal chain.
PDCLK
I/Q IN
DAC_RSET
IOUT
IOUT
TxENABLE
DAC GAIN
θ
CLOCK
8
SYSCLK
PLL
÷2
REF_CLK
REF_CLK
REFCLK_OUT
XTAL_SEL
PARALLEL DATA
TIMING AND CONTROL
AD9957
ω
cos (ωt+θ)
sin (ωt+θ)
2
2
DDS
AUX
DAC
8-BIT
POWER
DOWN
CONTROL
18
I
Q
IS
QS
18
18
16
16
OSK
INTERNAL CLOCK TIMING AND CONTROL
DAC
14-BIT
FTW
PW
RAM
SERIAL I/O
PORT
PROGRAMMING
REGISTERS
3
2
IQ
IS QS
OUTPUT
SCALE
FACTOR
Figure 28. Interpolating DAC Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com