Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 46Page - Analog Devices AD9957/PCBZ Datasheet HTML 47Page - Analog Devices AD9957/PCBZ Datasheet HTML 48Page - Analog Devices AD9957/PCBZ Datasheet HTML 49Page - Analog Devices AD9957/PCBZ Datasheet HTML 50Page - Analog Devices AD9957/PCBZ Datasheet HTML 51Page - Analog Devices AD9957/PCBZ Datasheet HTML 52Page - Analog Devices AD9957/PCBZ Datasheet HTML 53Page - Analog Devices AD9957/PCBZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
AD9957
Rev. 0 | Page 50 of 60
Control Function Register 1 (CFR1)
Address 0x00, four bytes are assigned to this register.
Table 18. Bit Descriptions for CFR1 Register
Bit
No.
Mnemonic
Description
0: disables RAM playback functionality (default).
31
RAM Enable
1: enables RAM playback functionality.
30:20
Not Available
Ineffective unless Bit 31 = 1.
0: RAM playback data routed to baseband scaling multipliers (default).
28
RAM Playback
Destination
1: RAM playback data routed to baseband I/Q data path.
27:26
Not Available
00: quadrature modulation mode (default).
01: single tone mode.
25:24
Operating Mode
1x: interpolating DAC mode.
Ineffective unless Bits<9:8> = 10b.
0: OSK pin inoperative (default).
23
Manual OSK
External Control
1: OSK pin enabled for manual OSK control (see the Output Shift Keying (OSK) section).
0: inverse sinc filter bypassed (default).
22
Inverse Sinc Filter
Enable
1: inverse sinc filter active.
This bit is automatically cleared by the serial I/O port controller. This operation requires several internal clock
cycles to complete, during which time the data supplied to the CCI input by the baseband signal chain is
ignored. The inputs are forced to all zeros to flush the CCI data path, after which the CCI accumulators are reset.
0: normal operation of the CCI filter (default).
21
Clear CCI
1: initiates an asynchronous reset of the accumulators in the CCI filter.
20:17
Not Available
Ineffective unless Bits<25:24> = 01b.
0: cosine output of the DDS is selected (default).
16
Select DDS Sine
Output
1: sine output of the DDS is selected.
15:14
Not Available
0: normal operation of the DDS phase accumulator (default).
13
Autoclear Phase
Accumulator
1: synchronously resets the DDS phase accumulator any time I/O_UPDATE is asserted or a profile
change occurs.
12
Not Available
0: normal operation of the DDS phase accumulator (default).
11
Clear Phase
Accumulator
1: asynchronous, static reset of the DDS phase accumulator.
0: normal operation of the OSK amplitude ramp rate timer (default).
10
Load ARR @ I/O
Update
1: OSK amplitude ramp rate timer reloaded any time I/O_UPDATE is asserted or a profile change occurs.
0: OSK disabled (default).
9
OSK (Output Shift
Keying) Enable
1: OSK enabled.
Ineffective unless Bit 9 = 1.
0: manual OSK enabled (default).
8
Select Auto-OSK
1: automatic OSK enabled.
This bit is effective without the need for an I/O update.
0: clock signals to the digital core are active (default).
7
Digital Power-
Down
1: clock signals to the digital core are disabled.
0: DAC clock signals and bias circuits are active (default).
6
DAC Power-Down
1: DAC clock signals and bias circuits are disabled.
This bit is effective without the need for an I/O update.
0: REFCLK input circuits and PLL are active (default).
5
REFCLK Input
Power-Down
1: REFCLK input circuits and PLL are disabled.
0: auxiliary DAC clock signals and bias circuits are active (default).
4
Auxiliary DAC
Power-Down
1: auxiliary DAC clock signals and bias circuits are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com