Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 26Page - Analog Devices AD9957/PCBZ Datasheet HTML 27Page - Analog Devices AD9957/PCBZ Datasheet HTML 28Page - Analog Devices AD9957/PCBZ Datasheet HTML 29Page - Analog Devices AD9957/PCBZ Datasheet HTML 30Page - Analog Devices AD9957/PCBZ Datasheet HTML 31Page - Analog Devices AD9957/PCBZ Datasheet HTML 32Page - Analog Devices AD9957/PCBZ Datasheet HTML 33Page - Analog Devices AD9957/PCBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
AD9957
Rev. 0 | Page 30 of 60
The circled numbers in Figure 44 indicate specific events,
explained as follows:
Event 1—an I/O update or profile change activates the RAM
bidirectional ramp mode.
Event 2—the RT pin switches to Logic 1. The state machine
initializes to the start address of RAM Segment Register 0 and
begins incrementing the RAM address counter.
Event 3—the RT pin remained at Logic 1 long enough for the
state machine to reach the end address of RAM Segment
Register 0, at which point the address counter is halted.
Event 4—the RT pin switches to Logic 0. The state machine
initializes to the end address of RAM Segment Register 1, resets
the internal timer, and begins decrementing the RAM address
counter.
Event 5—the RT pin switches to Logic 1. The state machine
initializes to the start address of RAM Segment Register 0,
resets the internal timer, and begins incrementing the RAM
address counter.
Event 6—the RT pin switches to Logic 0. The state machine
initializes to the end address of RAM Segment Register 1, resets
the internal timer, and begins decrementing the RAM address
counter.
Event 7—the RT pin remained at Logic 0 long enough for the
state machine to reach the start address of RAM Segment
Register 1, at which point the address counter is halted.
Event 8—the RT pin switches to Logic 1. The state machine
initializes to the start address of RAM Segment Register 0,
resets the internal timer, and begins incrementing the RAM
address counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com