Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 47Page - Analog Devices AD9957/PCBZ Datasheet HTML 48Page - Analog Devices AD9957/PCBZ Datasheet HTML 49Page - Analog Devices AD9957/PCBZ Datasheet HTML 50Page - Analog Devices AD9957/PCBZ Datasheet HTML 51Page - Analog Devices AD9957/PCBZ Datasheet HTML 52Page - Analog Devices AD9957/PCBZ Datasheet HTML 53Page - Analog Devices AD9957/PCBZ Datasheet HTML 54Page - Analog Devices AD9957/PCBZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
AD9957
Rev. 0 | Page 51 of 60
Bit
No.
Mnemonic
Description
0: assertion of the EXT_PWR_DWN pin affects full power-down (default).
3
External Power-
Down Control
1: assertion of the EXT_PWR_DWN pin affects fast recovery power-down.
Ineffective when Bits<25:24> = 01b.
0: disable power-down (default).
2
Auto Power-Down
Enable
1: when the TxEnable pin is Logic 0, the baseband signal processing chain is flushed of residual data and the
clocks are automatically stopped. Clocks restart when the TxEnable pin is a Logic 1.
0: configures the SDIO pin for bidirectional operation; 2-wire serial programming mode (default).
1
SDIO Input Only
1: configures the serial data I/O pin (SDIO) as an input only pin; 3-wire serial programming mode.
0: configures the serial I/O port for MSB first format (default).
0
LSB First
1: configures the serial I/O port for LSB first format.
Control Function Register 2 (CFR2)
Address 0x01, four bytes are assigned to this register.
Table 19. Bit Descriptions for CFR2 Register
Bit
No.
Mnemonic
Description
Valid only when CRF1<25:24> = 00b.
0: Pin D<17:0> configured as an 18-bit parallel port (default).
31
Blackfin Interface
(BFI) Mode
1: Pin D<5:4> configured as a dual serial port compatible with the Blackfin serial interface. Pin D<17:6>
and Pin D<3:0> become available as a 16-bit GPIO port.
Valid only when Bit 31 = 1.
0: the dual serial port (BFI) configured for MSB first operation (default).
30
Blackfin Bit Order
1: the dual serial port (BFI) configured for LSB first operation.
Valid only when Bit 31 = 1.
0: The dual serial port (BFI) configured to be compatible with Blackfin late frame sync operation (default).
29
Blackfin Early
Frame Sync Enable
1: the dual serial port (BFI) configured to be compatible with Blackfin early frame sync operation.
28:24
Not Available
This bit is effective without the need for an I/O update.
0: serial I/O programming is synchronized with external assertion of the I/O_UPDATE pin, which is
configured as in input pin (default).
23
Internal IO Update
Active
1: serial I/O programming is synchronized with an internally generated I/O update signal (the internally
generated signal appears at the I/O_UPDATE pin, which is configured as an output pin).
0: the SYNC_CLK pin is disabled; static Logic 0 output.
22
SYNC_CLK Enable
1: the SYNC_CLK pin generates a clock signal at ¼ fSYSCLK; used of synchronization of the serial I/O port
(default).
21:17
Not Available
0: a serial I/O port read operation of the FTW register reports the contents of the FTW register (default).
16
Read Effective
FTW
1: a serial I/O port read operation of the FTW register reports the actual 32-bit word appearing at the input to
the DDS phase accumulator.
Ineffective unless Bit 23 = 1. Sets the prescale ratio of the divider that clocks the Auto I/O Update timer as
follows:
00: divide-by-1 (default).
01: divide-by-2.
10: divide-by-4.
15:14
IO Update Rate
Control
11: divide-by-8.
Ineffective unless Bit 31 = 0 and CFR1 Bits<25:24> = 00b.
0: PDCLK operates at the input data rate (default).
13
PDCLK Rate
Control
1: PDCLK operates at ½ the input data rate; useful for maintaining a consistent relationship between I/Q
words at the parallel data port and the internal clocks of the baseband signal processing chain.
0: the data-words applied to Pin D<17:0> are expected to be coded as twos complement (default).
12
Data Format
1: the data-words applied to Pin D<17:0> are expected to be coded as offset binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com