Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 51Page - Analog Devices AD9957/PCBZ Datasheet HTML 52Page - Analog Devices AD9957/PCBZ Datasheet HTML 53Page - Analog Devices AD9957/PCBZ Datasheet HTML 54Page - Analog Devices AD9957/PCBZ Datasheet HTML 55Page - Analog Devices AD9957/PCBZ Datasheet HTML 56Page - Analog Devices AD9957/PCBZ Datasheet HTML 57Page - Analog Devices AD9957/PCBZ Datasheet HTML 58Page - Analog Devices AD9957/PCBZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
AD9957
Rev. 0 | Page 55 of 60
PROFILE REGISTERS
There are eight consecutive serial I/O addresses (0x0E to 0x15)
dedicated to device profiles. All eight profile registers are either
single tone profiles or QDUC profiles depending on the device
operating mode specified by CFR1 Bits<25:24>. During
operation, the active profile register is determined via the
external PROFILE<2:0> pins.
Single tone profiles control: DDS frequency (32 bits), DDS
phase offset (16 bits), and DDS amplitude scaling (14 bits).
QDUC profiles control: DDS frequency (32 bits), DDS phase
offset (16 bits), output amplitude scaling (8 bits), CCI filter
interpolation factor, inverse CCI bypass, and spectral invert.
The QDUC profiles also selectively apply to the interpolating
DAC operating mode: only output scaling, CCI filter
interpolation factor, and inverse CCI bypass apply; all others
(DDS frequency, output amplitude scaling, and spectral invert)
are ignored.
Profile<0:7> Register—Single
Tone
Address 0x0E to 0x15, eight bytes are assigned to this register.
Table 27. Bit Descriptions for Profile<0:7> Registers—Single Tone
Bits
Mnemonic
Description
63:62
Not Available
61:48
Amplitude Scale Factor
This 14-bit number controls the DDS output amplitude.
47:32
Phase Offset Word
This 16-bit number controls the DDS phase offset.
31:0
Frequency Tuning Word
This 32-bit number controls the DDS frequency.
Profile<0:7> Register—QDUC
Address 0x0E to 0x15, eight bytes are assigned to this register.
Table 28. Bit Descriptions for Profile<0:7> Registers—QDUC
Bits
Mnemonic
Description
63:58
CC Interpolation Rate
This 6-bit number is the rate interpolation factor for the CCI filter.
0: The modulator output takes the form: I(t) × cos( ct) – Q(t) × sin( ct).
57
Spectral Invert
1: The modulator output takes the form: I(t) × cos( ct) + Q(t) × sin( ct).
0: The inverse CCI filter is enabled.
56
Inverse CCI Bypass
1: The inverse CCI filter is bypassed.
55:48
Output Scale Factor
This 8-bit number controls the output amplitude.
47:32
Phase Offset Word
This 16-bit number controls the DDS phase offset.
31:0
Frequency Tuning Word
This 32-bit number controls the DDS frequency.
RAM Register
Address 0x16, four bytes are assigned to this register.
Table 29. Bit Descriptions for RAM Register
Bits
Mnemonic
Description
31:0
RAM Word
The number of 32-bit words written to RAM is defined by the start and end address in
RAM Segment Register 0 or RAM Segment Register 1.
GPIO Config Register
Address 0x18, one byte is assigned to this register.
Table 30. Bit Descriptions for GPIO Config Register
Bits
Mnemonic
Description
15:0
Configuration Bits
See the General-Purpose I/O (GPIO) Port section for details; default is 0x0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com