Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 49Page - Analog Devices AD9957/PCBZ Datasheet HTML 50Page - Analog Devices AD9957/PCBZ Datasheet HTML 51Page - Analog Devices AD9957/PCBZ Datasheet HTML 52Page - Analog Devices AD9957/PCBZ Datasheet HTML 53Page - Analog Devices AD9957/PCBZ Datasheet HTML 54Page - Analog Devices AD9957/PCBZ Datasheet HTML 55Page - Analog Devices AD9957/PCBZ Datasheet HTML 56Page - Analog Devices AD9957/PCBZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
AD9957
Rev. 0 | Page 53 of 60
I/O Update Rate Register
Address 0x04, four bytes are assigned to this register. This register is effective without the need for an I/O update.
Table 22. Bit Descriptions for I/O Update Rate Register
Bit(s)
Mnemonic
Description
31:0
I/O Update Rate
Ineffective unless CFR2 Bit 23 = 1. This 32-bit number controls the automatic I/O update rate (see the
Automatic I/O Update section); default is 0xFFFFFFFF.
RAM Segment Register 0
Address 0x05, six bytes are assigned to this register. This register is effective without the need for an I/O update. This register is only
active if CFR1 Bit 31 = 1 and there is a Logic 0 to Logic 1 transition on the RT pin.
Table 23. Bit Descriptions for RAM Segment Register 0
Bit(s)
Mnemonic
Description
47:32
RAM Address Step
Rate 0
This 16-bit number controls the rate at which the RAM state machine steps through the specified RAM
address range.
31:22
RAM End Address 0
This 10-bit number identifies the ending address for the RAM state machine.
21:16
Not Available
15:6
RAM Start Address 0
This 10-bit number identifies the starting address for the RAM state machine.
5:3
Not Available
2:0
RAM Playback Mode 0
This 2-bit number identifies the playback mode for the RAM state machine (see Table 6).
RAM Segment Register 1
Address 0x06, six bytes are assigned to this register. This register is only active if CFR1 Bit 31 = 1 and there is a Logic 1 to Logic 0
transition on the RT pin.
Table 24. Bit Descriptions for RAM Segment Register 1
Bit(s)
Mnemonic
Description
47:32
RAM Address Step
Rate 1
This 16-bit number controls the rate at which the RAM state machine steps through the specified RAM
address range.
31:22
RAM End Address 1
This 10-bit number identifies the ending address for the RAM state machine.
21:16
Not Available
15:6
RAM Start Address 1
This 10-bit number identifies the starting address for the RAM state machine.
5:3
Not Available
2:0
RAM Playback Mode 1
This 2-bit number identifies the playback mode for the RAM state machine (see Table 6).
Amplitude Scale Factor Register (ASF)
Address 0x09, four bytes are assigned to this register. This register is only active if CFR1 Bit 9 = 1.
Table 25. Bit Descriptions for ASF Register
Bits
Mnemonic
Description
31:16
Amplitude Ramp Rate
Ineffective unless CFR1 Bit 8 = 1. This 16-bit number controls the rate at which the OSK controller
updates amplitude changes to the DDS.
If CFR1 Bit 8 = 0 and CFR1 Bit 23 = 0, then this 14-bit number is the amplitude scale factor for the DDS.
If CFR1 Bit 8 = 0 and CFR1 Bit 23 = 1, then this 14-bit number is the amplitude scale factor for the DDS
when the OSK pin is Logic 1.
15:2
Amplitude Scale Factor
If CFR1 Bit 8 = 1, then this 14-bit number sets a ceiling on the maximum allowable amplitude scale
factor for the DDS.
1:0
Amplitude Step Size
Ineffective unless CFR1 Bit 8 = 1. This 2-bit number controls the step size for amplitude changes to the
DDS (see Table 10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com