Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 41Page - Analog Devices AD9957/PCBZ Datasheet HTML 42Page - Analog Devices AD9957/PCBZ Datasheet HTML 43Page - Analog Devices AD9957/PCBZ Datasheet HTML 44Page - Analog Devices AD9957/PCBZ Datasheet HTML 45Page - Analog Devices AD9957/PCBZ Datasheet HTML 46Page - Analog Devices AD9957/PCBZ Datasheet HTML 47Page - Analog Devices AD9957/PCBZ Datasheet HTML 48Page - Analog Devices AD9957/PCBZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
AD9957
Rev. 0 | Page 45 of 60
Table 14. RAM, ASF, Multichip Sync, and Profile 0 Registers
Register
Name (Serial
Address)
Bit Range
(Internal
Address)
Bit 7
(MSB)
Bit 6
Bit5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
<47:40>
RAM Address Step Rate 0<15:8>
<39:32>
RAM Address Step Rate 0<7:0>
<31:24>
RAM End Address 0<9:2>
<23:16>
RAM End
Address 0<1:0>
Open
<15:8>
RAM Start Address 0<9:2>
RAM Segment
Register 0
(0x05)
<7:0>
RAM Start
Address 0 <1:0>
Open
RAM Playback Mode 0<2:0>
<47:40>
RAM Address Step Rate 1<15:8>
<39:32>
RAM Address Step Rate 1<7:0>
<31:24>
RAM End Address 1<9:2>
<23:16>
RAM End
Address 1<1:0>
Open
<15:8>
RAM Start Address 1<9:2>
RAM Segment
Register 1
(0x06)
<7:0>
RAM Start
Address 1<1:0>
Open
RAM Playback Mode 1<2:0>
<31:24>
Amplitude Ramp Rate<15:8>
0x00
<23:16>
Amplitude Ramp Rate<7:0>
0x00
<15:8>
Amplitude Scale Factor<13:6>
0x00
Amplitude
Scale Factor
Register (ASF)
(0x09)
<7:0>
Amplitude Scale Factor<5:0>
Amplitude Step
Size<1:0>
0x00
<31:24>
Sync Validation Delay<3:0>
Sync
Receiver
Enable
Sync
Generator
Enable
Sync
Generator
Polarity
Open
0x00
<23:16>
Sync State Preset Value<5:0>
Open
0x00
<15:8>
Sync Generator Delay<4:0>
Open
0x00
Multichip Sync
Register (0x0A)
<7:0>
Sync Receiver Delay<4:0>
Open
0x00
<63:56>
Open
Amplitude Scale Factor<13:8>
<55:48>
Amplitude Scale Factor<7:0>
<47:40>
Phase Offset Word<15:8>
<39:32>
Phase Offset Word<7:0>
<31:24>
Frequency Tuning Word<31:24>
<23:16>
Frequency Tuning Word<23:16>
<15:8>
Frequency Tuning Word<15:8>
Profile 0
Register—
Single Tone
(0x0E)
<7:0>
Frequency Tuning Word<7:0>
<63:56>
CCI Interpolation Rate<7:2>
Spectral
Invert
Inverse CCI Bypass
<55:48>
Output Scale Factor
<47:40>
Phase Offset Word<15:8>
<39:32>
Phase Offset Word<7:0>
<31:24>
Frequency Tuning Word<31:24>
<23:16>
Frequency Tuning Word<23:16>
<15:8>
Frequency Tuning Word<15:8>
Profile 0
Register—
QDUC
(0x0E)
<7:0>
Frequency Tuning Word<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com