Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 11Page - Analog Devices AD9957/PCBZ Datasheet HTML 12Page - Analog Devices AD9957/PCBZ Datasheet HTML 13Page - Analog Devices AD9957/PCBZ Datasheet HTML 14Page - Analog Devices AD9957/PCBZ Datasheet HTML 15Page - Analog Devices AD9957/PCBZ Datasheet HTML 16Page - Analog Devices AD9957/PCBZ Datasheet HTML 17Page - Analog Devices AD9957/PCBZ Datasheet HTML 18Page - Analog Devices AD9957/PCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
AD9957
Rev. 0 | Page 15 of 60
ctral images and retaining the original
ion
A detailed block diagram of
The inverse sinc filter is available in all three modes.
MODES OF OPERATION
OVERVIEW
The AD9957 has three basic operating modes
•
Quadrature modulation (QDUC) mode (default)
•
Interpolating DAC mode
•
Single tone mode
The active mode is selected via the operating mode bits in
Control Function Register 1 (CFR1). Single tone mode allows
the device to operate as a sinusoidal generator with the DDS
driving the DAC directly.
Interpolating DAC mode bypasses the DDS, allowing the user
to deliver baseband data to the device at a sample rate lower
than that of the DAC. An internal chain of rate interpolation
filters the user data, upsample, to the DAC sample rate. Com-
bined, the filters provide for programmable rate interpolation
while suppressing spe
baseband spectrum.
QDUC mode employs both the DDS and the rate interpolat
filters. In this case, two parallel banks of rate interpolation
filters allow baseband processing of in-phase and quadrature
(I/Q) signals with the DDS providing the carrier signal to be
modulated by the baseband signals.
the AD9957 is shown in Figure 25.
PDCLK
I/Q IN
DAC_RSET
IOUT
IOUT
TxENABLE
FTW
PW
DAC GAIN
θ
CLOCK
8
SYSCLK
PLL
÷2
REF_CLK
REF_CLK
REFCLK_OUT
XTAL_SEL
PARALLEL DATA
TIMING AND CONTROL
AD9957
ω
cos (ωt+θ)
sin (ωt+θ)
2
2
2
DDS
AUX
DAC
8-BIT
POWER
DOWN
CONTROL
RAM
SERIAL I/O
PORT
PROGRAMMING
REGISTERS
3
IQ
IS QS
18
I
Q
IS
QS
18
18
16
16
OSK
INTERNAL CLOCK TIMING AND CONTROL
DAC
14-BIT
OUTPUT
SCALE
FACTOR
Figure 25. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com