Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 35Page - Analog Devices AD9957/PCBZ Datasheet HTML 36Page - Analog Devices AD9957/PCBZ Datasheet HTML 37Page - Analog Devices AD9957/PCBZ Datasheet HTML 38Page - Analog Devices AD9957/PCBZ Datasheet HTML 39Page - Analog Devices AD9957/PCBZ Datasheet HTML 40Page - Analog Devices AD9957/PCBZ Datasheet HTML 41Page - Analog Devices AD9957/PCBZ Datasheet HTML 42Page - Analog Devices AD9957/PCBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
AD9957
Rev. 0 | Page 39 of 60
SYNCHRONIZATION OF MULTIPLE DEVICES
The internal clocks of the AD9957 provide the timing for the
propagation of data along the baseband signal processing path.
These internal clocks are derived from the internal system clock
(SYSCLK) and are all submultiples of the SYSCLK frequency.
The logic state of all of these clocks in aggregate during any
given SYSCLK cycle defines a unique clock state. The clock state
advances with each cycle of SYSCLK, but the sequence of clock
states is periodic. By definition, multiple devices are synchro-
nized when their clock states match and they transition between
states simultaneously. Clock synchronization allows the user to
asynchronously program multiple devices, but synchronously
activate the programming by applying a coincident I/O update
to all devices. It also allows multiple devices to operate in unison
when the parallel port is in use with either the QDUC or inter-
polating DAC mode (see Figure 57).
The function of the synchronization logic in the AD9957 is to
force the internal clock generator to a predefined state coincident
with an external synchronization signal applied to the SYNC_IN
pins. If all devices are forced to the same clock state in synchro-
nization with the same external signal, then the devices are, by
definition, synchronized. Figure 54 is a block diagram of the
synchronization function. The synchronization logic is divided
into two independent blocks, a sync generator and a sync receiver,
both of which use the local SYSCLK signal for internal timing.
SYNC
GENERATOR
REF_CLK
5
SYSCLK
INTERNAL
CLOCKS
6
5
4
SYNC
RECEIVER
90
91
9
10
SYNC_OUT
REF_CLK
INPUT
CIRCUITRY
7
8
12
SYNC_IN
SYNC_SMP_ERR
SYNC
VALIDATION
DELAY
SYNC STATE
PRESET VALUE
SYNC
TIMING
VALIDATION
DISABLE
SETUP AND
HOLD VALIDATION
SYNC
RECEIVER
ENABLE
SYNC
RECEIVER
DELAY
INPUT DELAY
AND EDGE
DETECTION
Figure 54. Synchronization Circuit Block Diagram
The synchronization mechanism relies on the premise that the
REFCLK signal appearing at each device is edge aligned with all
others as a result of the external REFCLK distribution system
(see Figure 57).
The sync generator block is shown in Figure 55. It is activated
via the sync generator enable bit. It allows for one AD9957 in a
group to function as a master timing source with the remaining
devices slaved to the master.
SYSCLK
SYNC
GENERATOR
ENABLE
SYNC
GENERATOR
DELAY
SYNC
POLARITY
SYNC_OUT
0
1
DQ
R
PROGAMMABLE
DELAY
÷16
÷N
5
9
10
9
10
LVDS
DRIVER
Figure 55. Sync Generator
The sync generator produces a clock signal that appears at the
SYNC_OUT pins. This clock is delivered by an LVDS driver
and exhibits a 50% duty cycle. The clock has a fixed frequency
given by
N
f
f
SYSCLK
SYNCOUT
16
=
where N is 1 when the AD9957 is configured in the single tone
mode, but is equal to the programmed interpolation factor of
the CCI filter when configured in either the QDUC or
interpolating DAC mode.
The clock at the SYNC_OUT pins synchronizes with either the
rising or falling edge of the internal SYSCLK signal as determined
by the sync polarity bit. Because the SYNC_OUT signal is synchro-
nized with the internal SYSCLK of the master device, the master
device SYSCLK serves as the reference timing source for all slave
devices. The user can adjust the output delay of the SYNC_OUT
signal in steps of ~150 ps by programming the 5-bit sync gen-
erator delay word via the serial I/O port. The programmable
output delay facilitates added edge timing flexibility to the
overall synchronization mechanism.
The sync receiver block (shown in Figure 56) is activated via the
sync receiver enable bit. The sync receiver consists of three sub-
sections: the input delay and edge detection block, the internal
clock generator block, and the setup-and-hold validation block.
The clock generator block remains operational even when the
sync receiver is not enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com