Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 48Page - Analog Devices AD9957/PCBZ Datasheet HTML 49Page - Analog Devices AD9957/PCBZ Datasheet HTML 50Page - Analog Devices AD9957/PCBZ Datasheet HTML 51Page - Analog Devices AD9957/PCBZ Datasheet HTML 52Page - Analog Devices AD9957/PCBZ Datasheet HTML 53Page - Analog Devices AD9957/PCBZ Datasheet HTML 54Page - Analog Devices AD9957/PCBZ Datasheet HTML 55Page - Analog Devices AD9957/PCBZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
AD9957
Rev. 0 | Page 52 of 60
Bit
No.
Mnemonic
Description
0: the PDCLK pin is disabled and forced to a static Logic 0 state; the internal clock signal continues to operate
and provide timing to the data assembler.
11
PDCLK Enable
1: the internal PDCLK signal appears at the PDCLK pin (default).
0: normal PDCLK polarity; Q-data associated with Logic 1, I-data with Logic 0 (default).
10
PDCLK Invert
1: inverted PDCLK polarity.
0: normal TxEnable polarity; Logic 0 is standby, Logic 1 is transmit (default).
9
TxEnable Invert
1: inverted TxEnable polarity; Logic 0 is transmit, Logic 1 is standby.
0: an I/Q data pair is delivered as I-data first followed by Q-data (default).
8
Q First Data
Pairing
1: an I/Q data pair is delivered as Q-data first followed by I-data.
0: simultaneous application of amplitude, phase and frequency changes to the DDS arrive at the output in
the order listed (default).
7
Matched Latency
Enable
1: simultaneous application of amplitude, phase and frequency changes to the DDS arrive at the output
simultaneously.
Ineffective when CFR1 Bits<25:24> = 01b.
0: when the TxENABLE pin is false, the data assembler ignores the input data and internally forces zeros on
the baseband signal path (default).
6
Data Assembler
Hold Last Value
1: when the TXENABLE pin is false, the data assembler ignores the input data and internally forces the last
value received on the baseband signal path.
0: enables the SYNC_SMP_ERR pin to indicate (active high) detection of a synchronization pulse
sampling error.
5
Sync Timing
Validation Disable
1: the SYNC_SMP_ERR pin is forced to a static Logic 0 condition (default).
4:0
Not Available
Control Function Register 3 (CFR3)
Address 0x02, four bytes are assigned to this register.
Table 20. Bit Descriptions for CFR3 Register
Bit
No.
Mnemonic
Description
31:30
DRV0
Controls REFCLK_OUT pin (see Table 7 for details); default is 00b.
29:27
Not Available
26:24
VCO SEL
Selects frequency band of the VCO in the REFCLK PLL (see Table 9 for details); default is 111b.
23:22
Not Available
21:19
ICP
Selects the charge pump current in the REFCLK PLL (see Table 9 for details); default is 111b.
18:16
Not Available
0: input divider is selected (default).
15
REFCLK Input
Divider Bypass
1: input divider is bypassed.
0: input divider is reset.
14
REFCLK Input
Divider ResetB
1: input divider operates normally (default).
13:9
Not Available
0: REFCLK PLL bypassed (default).
8
PLL Enable
1: REFCLK PLL enabled.
7:1
N
This 7-bit number is divide modulus of the REFCLK PLL feedback divider; default is 0000000b.
0
Not Available
Auxiliary DAC Control Register
Address 0x03, four bytes are assigned to this register.
Table 21. Bit Descriptions for Auxiliary DAC Control Register
Bit(s)
Mnemonic
Description
31:8
Not Available
7:0
FSC
This 8-bit number controls the full-scale output current of the main DAC (see the Auxiliary DAC section);
default is 0xFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com