Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 10Page - Analog Devices AD9957/PCBZ Datasheet HTML 11Page - Analog Devices AD9957/PCBZ Datasheet HTML 12Page - Analog Devices AD9957/PCBZ Datasheet HTML 13Page - Analog Devices AD9957/PCBZ Datasheet HTML 14Page - Analog Devices AD9957/PCBZ Datasheet HTML 15Page - Analog Devices AD9957/PCBZ Datasheet HTML 16Page - Analog Devices AD9957/PCBZ Datasheet HTML 17Page - Analog Devices AD9957/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
AD9957
Rev. 0 | Page 14 of 60
1200
200
400
600
800
1000
0
100
200
300
400
500
600
700
800
900
1000
SYSTEM CLOCK FREQUENCY (MHz)
DVDD 3.3V
AVDD 3.3V
AVDD 1.8V
DVDD 1.8V
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
CENTER 143.86MHz
SPAN 25.5MHz
2.55MHz/DIV
Tx CHANNEL
BANDWIDTH: 3.84MHz
ADJACENT CHANNEL
BANDWIDTH: 3.84MHz
SPACING: 3MHz
ADJACENT CHANNEL
BANDWIDTH: 3.84MHz
SPACING: 10MHz
POWER: –11.88dBm
LOWER: –78.27dB
UPPER: –78.50dB
LOWER: –81.42dB
UPPER: –81.87dB
W-CDMA SGFF FWD
Figure 23. Power Dissipation vs. System Clock (PLL Enabled)
Figure 24. Typical ACLR for Wideband CDMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com