Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 31Page - Analog Devices AD9957/PCBZ Datasheet HTML 32Page - Analog Devices AD9957/PCBZ Datasheet HTML 33Page - Analog Devices AD9957/PCBZ Datasheet HTML 34Page - Analog Devices AD9957/PCBZ Datasheet HTML 35Page - Analog Devices AD9957/PCBZ Datasheet HTML 36Page - Analog Devices AD9957/PCBZ Datasheet HTML 37Page - Analog Devices AD9957/PCBZ Datasheet HTML 38Page - Analog Devices AD9957/PCBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
AD9957
Rev. 0 | Page 35 of 60
PLL CHARGE PUMP
The charge pump current (ICP) is programmable to provide the
user with additional flexibility to optimize the PLL performance.
Table 9 lists the bit settings vs. the nominal charge pump
current.
Table 9. PLL Charge Pump Current
ICP (CFR3<21:19>)
Charge Pump Current (ICP in μA)
000
212
001
237
010
262
011
287
100
312
101
337
110
363
111
387
EXTERNAL PLL LOOP FILTER COMPONENTS
The PLL_LOOP_FILTER pin provides a connection interface to
attach the external loop filter components. The ability to use
custom loop filter components gives the user more flexibility to
optimize the PLL performance. The PLL and external loop filter
components are shown in Figure 52.
PFD
CP
PLL_LOOP_FILTER
VCO
÷N
PLL OUT
PLL IN
AVDD
REFCLK PLL
2
R1
C1
C2
Figure 52. REFCLK PLL External Loop Filter
In the prevailing literature, this configuration yields a third-
order, Type II PLL. To calculate the loop filter component
values, begin with the feedback divider value (N), the gain of
the phase detector (KD), and the gain of the VCO (KV) based on
the programmed VCO SEL bit settings (see Table 1 for KV). The
loop filter component values depend on the desired open-loop
bandwidth (fOL) and phase margin (φ), as follows:
()
⎜⎜
+
=
φ
K
K
Nf
π
R1
V
D
OL
sin
1
1
(7)
( )
()2
2
tan
OL
V
D
f
π
N
φ
K
K
C1 =
(8)
()
()
⎜⎜
⎛ −
=
φ
φ
f
π
N
K
K
C2
OL
V
D
cos
sin
1
)
2
(
2
(9)
where:
KD equals the programmed value of ICP.
KV is taken from Table 1.
Ensure that proper units are used for the variables in Equation 7
through Equation 9. ICP must be in amps, not μA as appears in
Table 9; KV must be in Hz/V, not MHz/V as listed in Table 1; the
loop bandwidth (fOL) must be in Hz; the phase margin (φ) must
be in radians.
For example, suppose the PLL is programmed such that
ICP = 287 μA, KV = 625 MHz/V, and N = 25. If the desired loop
bandwidth and phase margin are 50 kHz and 45°, respectively,
the loop filter component values are R1 = 52.85 Ω, C1 =
145.4 nF, and C2 = 30.11 nF.
PLL LOCK INDICATION
When the PLL is in use, the PLL_LOCK pin provides an active
high indication that the PLL has locked to the REFCLK input
signal. When the PLL is bypassed the PLL_LOCK pin defaults
to Logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com