Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA543SA Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA543SA Datasheet HTML 2Page - STMicroelectronics STA543SA Datasheet HTML 3Page - STMicroelectronics STA543SA Datasheet HTML 4Page - STMicroelectronics STA543SA Datasheet HTML 5Page - STMicroelectronics STA543SA Datasheet HTML 6Page - STMicroelectronics STA543SA Datasheet HTML 7Page - STMicroelectronics STA543SA Datasheet HTML 8Page - STMicroelectronics STA543SA Datasheet HTML 9Page - STMicroelectronics STA543SA Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2 Electrical specifications
STA543SA
6/23
CD00061065
2
Electrical specifications
2.1
Absolute maximum ratings
Table 2.
Absolute maximum ratings
2.2
Thermal data
Table 3.
Thermal data
2.3
Electrical characteristics
Symbol
Parameter
Value
Unit
Vop
Operating Supply Voltage
18
V
Vs
DC Supply Voltage
20
V
Ptot
Total Power Dissipation (Tcase = 70°C)
35
W
Tstg, Tj
Storage and Junction Temperature
-40 to150
°C
Vctr
Volume Control DC Voltage
7
V
Top
Operating Temperature
0 to 70
°C
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction to case
Max.
2
°C/W
Rth j-amb
Thermal Resistance Junction to ambient
Max.
45
°C/W
Table 4.
Electrical characteristics
(Refer to the test circuit, VS = 15V; RL = 4Ω; f = 1kHz; Tamb = 25°C unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vs
Supply Voltage Range
8
18
V
Id
Total Quiescent Drain Current
150
mA
Vos
Output Offset Voltage
Single Ended
Bridge
-250
-150
250
150
mV
Po
Output Power
THD = 10%: RL = 4Ω
Bridge
Single Ended
24
7
W
W
THD
Total Harmonic Distortion
RL = 4Ω, Single Ended,
Po =0.1 to 4W
Bridge, Po =0.1 to10W
0.4
0.4
%
%
CT
Cross Talk
f = 1 kHz Single Ended
f = 10 kHz Single Ended
70
60
dB
dB
f = 1 kHz Bridge
f = 10 kHz Bridge
55
60
dB
dB
Rin
Input Impedance
Single Ended and Bridge
20
30
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com