Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA543SA Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA543SA Datasheet HTML 9Page - STMicroelectronics STA543SA Datasheet HTML 10Page - STMicroelectronics STA543SA Datasheet HTML 11Page - STMicroelectronics STA543SA Datasheet HTML 12Page - STMicroelectronics STA543SA Datasheet HTML 13Page - STMicroelectronics STA543SA Datasheet HTML 14Page - STMicroelectronics STA543SA Datasheet HTML 15Page - STMicroelectronics STA543SA Datasheet HTML 16Page - STMicroelectronics STA543SA Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
STA543SA
4 Evaluation Board
CD00061065
13/23
4.2
Evaluation Board Functional Description:
4.2.1
Input Cut-off frequency:
The input Cut-off frequency is set by the external capacitor (C4,C8,C10) values and by the
internal Input Impedance Rin ( 30K
Ω typ)
fi (cut-off) =
1 / 2
π ( Ri x Ci)
for the suggested values we have
Left/Right f i = 1 / 2
π (30KΩ x 220nF) = 24Hz
SW fi = 1 / 2
π (30KΩ x 470nF) = 11Hz
4.2.2
Output Cut-off frequency:
The output Cut-off frequency is set by the DC decoupling capacitor placed in series to the
speaker (C5,C9) value and by the Speaker Impedance
4.2.3
Crossover Network for SW:
with this board it's possible, when the Bass Audio Signal to be sent to CH.3 is not available from
the Audioprocessor, to generate it with a simple Low Pass Filter composed by an RC network.
The components to be added are R3,R6,C11:
fo = 1 / 2
π R3 (R4) x C11
example:
for R3 = R4 = 4K7
we have
C11 = 100nF
→ 340Hz
C11 = 220nF
→ 150Hz
C11 = 330nF
→ 100Hz
It is advisable at this point to modify the value of the DC decoupling capacitors in such a way to
send to L and R speakers only the high frequencies.
For example the frequency response shown in
Figure 8. was obtained with Rl = 8ohm, C5=C9=
100uF, R3=R6= 4K7 and C11=220nF
Note: In order to give the input freq response less sensitive to the spread in the Input
Impedance (Rin parameter) , it is possible to add externally two resitors R2,R7 in parallel to
Rin.
C5,C9
8ohm
6ohm
4ohm
Unit
100uF
199
265
398
Hz
220uF
90
121
181
Hz
470uF
42
56
85
Hz
1000uF
20
27
40
Hz
2200uF
9
12
18
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com