Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA543SA Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA543SA Datasheet HTML 11Page - STMicroelectronics STA543SA Datasheet HTML 12Page - STMicroelectronics STA543SA Datasheet HTML 13Page - STMicroelectronics STA543SA Datasheet HTML 14Page - STMicroelectronics STA543SA Datasheet HTML 15Page - STMicroelectronics STA543SA Datasheet HTML 16Page - STMicroelectronics STA543SA Datasheet HTML 17Page - STMicroelectronics STA543SA Datasheet HTML 18Page - STMicroelectronics STA543SA Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
STA543SA
5 General structure
CD00061065
15/23
5
General structure
5.1
Gain Internally Fixed to 20dB in Single Ended, 26dB in Bridge
Advantages of this design choice are in terms of:
●
components and space saving
●
output noise, supply voltage rejection and distortion optimization.
5.2
Silent Turn On/Off and Muting/Stand-by Function
The stand-by can be easily activated by means of a CMOS level applied to pin 9 through a RC
filter.
Under stand-by condition the device is turned off completely (supply current = 1mA typ.; output
attenuation= 80dB min.).
Every ON/OFF operation is virtually pop free. Furthemore, at turn-on the device stays in muting
condition for a time determined by the value assigned to the SVR capacitor. While in muting the
device outputs becomes insensitive to any kinds of signal that may be present at the input
terminals. In other words every transient coming from previous stages produces no
unplesantacoustic effect to the speakers.
5.3
STAND-BY DRIVING (pin9)
Some precautions have to be taken in the definition of stand-by driving networks: pin 9 cannot
be directly driven by a voltage source whose curent capability is higher than 5mA. In pratical
cases a series resistance has always to be inserted, having it the double purpose of limiting the
current at pin 9 and to smooth down the stand-by ON/OFF transitions - in combination with a
capacitor - for output pop prevention.
In any case, a capacitor of at lest 100nF from pin 9 to S-GND, with no resistance in between, is
necessary to ensure correct turn-on.
5.4
Output Stage
The fully complementary output stage was made possible by the development of a new
component: the ST exclusive power ICV PNP.
A novel design based upon the connection shown in
Figure 9. has then allowed the full
exploitation of its possibilities.
The clear advantages this new approach has over classical output stages are as follows:
5.5
Rail-to-Rail Output Voltage Swing With No Need of Bootstrap
Capacitors.
The output swing is limited only by the VCEsat of the output transistors, which are in the range of
0.3
Ω (Rsat) each.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com