Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA543SA Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Datasheet(HTML) 5 Page - STMicroelectronics

  STA543SA Datasheet HTML 1Page - STMicroelectronics STA543SA Datasheet HTML 2Page - STMicroelectronics STA543SA Datasheet HTML 3Page - STMicroelectronics STA543SA Datasheet HTML 4Page - STMicroelectronics STA543SA Datasheet HTML 5Page - STMicroelectronics STA543SA Datasheet HTML 6Page - STMicroelectronics STA543SA Datasheet HTML 7Page - STMicroelectronics STA543SA Datasheet HTML 8Page - STMicroelectronics STA543SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
STA543SA
1 Block diagram and Pins description
CD00061065
5/23
Table 1.
Pin description
Pin Name
Pin Type
Function
1
OUT1
OUTPUT
Channel 1 output
2
OUT2
OUTPUT
Channel 2 output
3
VCC
POWER
Power supply
4
IN1
INPUT
Channel 1 input
5
IN2
INPUT
Channel 2 input
6
VOL1
INPUT
Channel 1 volume control
7
VOL2
INPUT
Channel 2 volume control
8
SVR
INPUT
Supply Voltage Rejection
9
ST-BY
INPUT
Stand-by
10
P_GND
POWER
Power ground
11
S_GND
POWER
Signal Ground
12
DIAG
OUTPUT
Diagnostics
13
VOL3
INPUT
Channel 3 volume control
14
VOL_OUT
OUTPUT
Channel 3 volume control output
15
IN3
INPUT
Channel 3 input
16
AMP_IN
INPUT
Channel 3 amplifier input
17
VCC2
POWER
Power supply
18
OUT3-
OUTPUT
Channel 3 negative output
19
OUT3+
OUTPUT
Channel 3 positive output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com