Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA543SA Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA543SA Datasheet HTML 12Page - STMicroelectronics STA543SA Datasheet HTML 13Page - STMicroelectronics STA543SA Datasheet HTML 14Page - STMicroelectronics STA543SA Datasheet HTML 15Page - STMicroelectronics STA543SA Datasheet HTML 16Page - STMicroelectronics STA543SA Datasheet HTML 17Page - STMicroelectronics STA543SA Datasheet HTML 18Page - STMicroelectronics STA543SA Datasheet HTML 19Page - STMicroelectronics STA543SA Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
5 General structure
STA543SA
16/23
CD00061065
Classical solutions adopting composite PNP-NPN for the upper output stage have higher
saturation loss on the top side of the waveform.
This unbalanced saturation causes a significant power reduction. The only way to recover
power consists of the addition of expensive bootstrap capacitors.
5.6
Absolute Stability Without Any External Compensation.
Referring to the circuit of
Figure 9. the gain Vout/Vin is greater than unity, approximately 1+R2/
R1. The DC output (VCC/2) is fixed by an auxiliary amplifier common to all the channels.
By controlling the amount of this local feedback it is possible to force the loop gain (A*
β) to less
than unity at frequency for which the phase shift is 180°. This means that the output buffer is
intrinsically stable and not prone to oscillation.
Most remarkably, the above feature has been achieved in spite of the very low closed loop gain
of the amplifier.
In contrast, with the classical PNP-NPN stage, the solution adopted for reducing the gain at
high frequencies makes use of external RC networks, namely the Boucherot cells.
Figure 9.
The new output stage
5.7
BUILT–IN Shortcircuit Protection
Reliable and safe operation, in presence of all kinds of short circuit involving the outputs is
assured by BUILT-IN protectors. Additionally to the AC/DC short circuit to GND, to VS, across
the speaker, a SOFT SHORT condition is signalled out during the TURN-ON PHASE so
assuring correct operation for the device it self and for the loudspeaker.
This particular kind of protection acts in such a way to avoid the device is turned on (by ST-BY)
when a resistive path (less than 16 ohms) is present between the output and GND. As the
involved circuitry is normally disabled when a current higher than 5mA is flowing into the ST-BY
pin, it is important, in order not to disable it, to have the external current source driving the
STBY pin limited to 5mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com