Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA543SA Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA543SA Datasheet HTML 8Page - STMicroelectronics STA543SA Datasheet HTML 9Page - STMicroelectronics STA543SA Datasheet HTML 10Page - STMicroelectronics STA543SA Datasheet HTML 11Page - STMicroelectronics STA543SA Datasheet HTML 12Page - STMicroelectronics STA543SA Datasheet HTML 13Page - STMicroelectronics STA543SA Datasheet HTML 14Page - STMicroelectronics STA543SA Datasheet HTML 15Page - STMicroelectronics STA543SA Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
4 Evaluation Board
STA543SA
12/23
CD00061065
Figure 7.
Evaluation Board PCB and Component Layout
Table 7.
Part list
Component
Recommended
Value
Purpose
Larger than
Recommended value
Smaller then
Recommended
value
R1
10K
St-By Circuit
Larger On/Off time
Smaller On/Off time
R2,R7
Not mounted
See notes
R3,R6
Not mounted
See notes
R4,R5,R8
300K
DC-Vol CTRL
P1,P2
100K pot.
DC-Vol CTRL
R10
10K
Open Collector Pull
up
C1
10uF
St-by Circuit
Larger On/Off time
Smaller On/Off time
C2
100nF
Supply Voltage
Bypass
Danger of oscillations
C3
1000uF
Supply Voltage
Bypass
Danger of oscillations
C4,C8
220nF
Input DC decoupling
L/R
Lower low freq
Cutoff
Higher low freq
Cutoff
C10
470nF
Input DC decoupling
Bass
Lower low freq
Cutoff
Higher low freq
Cutoff
C11
Not mounted
See notes
C6,C7,C12
100nF
DC Vol. bypass
C5,C9
1000uF
Output Dc
decoupling
Lower low freq
Cutoff
Higher low freq
Cutoff
C13
1uF
C14
47uF
SVR
Increase of SVR , increase of
switch ON time
Degradation of SVR
Component Layout
PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com